Electronic Components Datasheet Search
  English  ▼

X  

LC75412W Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75412W
Description  Electronic Volume Controller for Car Audio Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75412W Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75412W Datasheet HTML 9Page - Sanyo Semicon Device LC75412W Datasheet HTML 10Page - Sanyo Semicon Device LC75412W Datasheet HTML 11Page - Sanyo Semicon Device LC75412W Datasheet HTML 12Page - Sanyo Semicon Device LC75412W Datasheet HTML 13Page - Sanyo Semicon Device LC75412W Datasheet HTML 14Page - Sanyo Semicon Device LC75412W Datasheet HTML 15Page - Sanyo Semicon Device LC75412W Datasheet HTML 16Page - Sanyo Semicon Device LC75412W Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
No. 7053-13/21
LC75412E, 75412W
Pin Name
Pin No.
Function
Equivalent circuit
Continued from preceding page.
• Fader output pins. Attenuation is possible separately for the front
end and rear end. The attenuation amount is the same for L and
R.
LFOUT
LROUT
RFOUT
RROUT
31
30
18
19
VDD
• Connect a capacitor of a few tens of µF between Vref and AVSS
(VSS) as a VDD/2 voltage generator, current ripple
countermeasure.
Vref
57
VDD
LVref
RVref
• External muting control pin
• Setting this pin to VSS level sets forcibly fader volume block to
–
∞ level.
MUTE
23
VDD
• Timer pin when there is no signal in the zero-cross circuit.
Forcibly set data when there is no zero-cross signal, from the time
the data is set until the timer ends.
TIM
20
VDD
• Input pin for serial data and clock used for control
CL
DI
26
25
VDD
• Chip enable pin. Data is written to the internal latch and the analog
switches are operated when the level changes from High to Low.
Data transfer is enabled when the level is High.
CE
24
• Analog system ground pins
LAVSS
RAVSS
29
22
• Power supply pin
VDD
56
• Logic system ground pin
DVSS
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com