Electronic Components Datasheet Search
  English  ▼

X  

CCLM3500 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CCLM3500
Description  SURFACE MOUNT SILICON CURRENT LIMITING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CCLM3500 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CCLM3500 Datasheet HTML 1Page - Central Semiconductor Corp CCLM3500 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CCLM0035
THRU
CCLM5750
SURFACE MOUNT SILICON
CURRENT LIMITING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CCLM0035
series types are silicon field effect current regulator
diodes designed for applications requiring a constant
current over a wide voltage range. These devices
are manufactured in the cost effective SOD-80
double plug case which provides many benefits to the
user including space savings and improved thermal
characteristics. Special selections of IP (regulator
current) are available for critical applications.
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
FEATURES:
• Low Cost
• High Reliability
• Smaller Case Size than Competition
• Special Selections Available
• Superior Lot to Lot Consistency
• Leaded Devices Available
MAXIMUM RATINGS: (TL=75°C)
SYMBOL
UNITS
Peak Operating Voltage
POV
100
V
Power Dissipation
PD
800
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Type
Regulator
Current
(Note 1)
IP @ VT=25V
Minimum
Dynamic
Impedance
ZT @ VT=25V
Minimum
Knee
Impedance
ZK @ VK=6.0V
Maximum
Limiting
Voltage
VL @ IL=0.8 x IP MIN
Temperature
Coefficient
(Note 2)
TC
MIN
(mA)
NOM
(mA)
MAX
(mA)
MΩ
MΩ
V
%/°C
CCLM0035
0.01
0.035
0.06
8.0
4.0
0.4
+2.10 to +0.10
CCLM0130
0.05
0.13
0.21
6.0
2.0
0.6
+2.10 to +0.10
CCLM0300
0.20
0.31
0.42
4.0
1.0
0.8
+0.40 to -0.20
CCLM0500
0.40
0.515
0.63
2.0
0.5
1.1
+0.15 to -0.25
CCLM0750
0.60
0.76
0.92
1.0
0.2
1.4
0.0 to -0.32
CCLM1000
0.88
1.1
1.32
0.65
0.1
1.7
-0.10 to -0.37
CCLM1500
1.28
1.5
1.72
0.45
0.07
2.0
-0.13 to -0.40
CCLM2000
1.68
2.0
2.32
0.35
0.05
2.3
-0.15 to -0.42
CCLM2700
2.28
2.69
3.1
0.30
0.03
2.7
-0.18 to -0.45
CCLM3500
3.0
3.55
4.1
0.25
0.02
3.2
-0.20 to -0.47
CCLM4500
3.9
4.5
5.1
0.20
0.01
3.7
-0.22 to -0.50
CCLM5750
5.0
5.75
6.5
0.05
0.005
4.5
-0.25 to -0.53
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
Notes:
1) Pulsed Method: Pulse Width (ms) = 27.5 divided by IP NOM (mA)
2) The Temperature Coefficient is measured between + 25°C and +50°C.
SOD-80 CASE
R6 (4-January 2010)
www.centr a lsemi.com


Similar Part No. - CCLM3500

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLM3500 CENTRAL-CCLM3500 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
More results

Similar Description - CCLM3500

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLHM080 CENTRAL-CCLHM080 Datasheet
103Kb / 2P
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
CCL0035 CENTRAL-CCL0035 Datasheet
75Kb / 2P
CURRENT LIMITING DIODE
CCLHM080 CENTRAL-CCLHM080_10 Datasheet
307Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
CMJ0130 CENTRAL-CMJ0130 Datasheet
742Kb / 3P
SURFACE MOUNT SILICON CURRENT LIMITING DIODE
1N5283 CENTRAL-1N5283 Datasheet
341Kb / 2P
SILICON CURRENT LIMITING DIODE DESCRIPTION:
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B_16 Datasheet
321Kb / 4P
20mA Current Limiting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com