Electronic Components Datasheet Search
  English  ▼

X  

HU102 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HU102
Description  Ultrafast Recovery Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HU102 Datasheet(HTML) 1 Page - Microsemi Corporation

  HU102 Datasheet HTML 1Page - Microsemi Corporation HU102 Datasheet HTML 2Page - Microsemi Corporation HU102 Datasheet HTML 3Page - Microsemi Corporation HU102 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ROHS Compliant
Reverse Voltage
Repetitive Peak
Working Peak
Reverse Voltage
Add Suffix R for Reverse Polarity
T
35-40 inch pounds
Junction to case
0
R
-55°C to 175°C
T
Terminal Torque
Max thermal resistance
Operating junction temp range
Storage temp range
Thermal and Mechanical Characteristics
175 C Junction Temperature
T
*Pulse test: Pulse width 300µsec, Duty cycle 2%
T
T
T
T
I
V
V
Max peak reverse current
Max peak reverse current
Max peak forward voltage
Maximum surge current
RRM, J = 125°C
8.3ms, half sine, J = 175°C
HU100, 101 & 102
Ultrafast Recovery Modules
Microsemi
Catalog Number
50V
100V
150V
200V
300V
400V
500V
600V
800V
HU10005*
HU10010*
HU10015*
HU10020* HU10120*
HU10130*
HU10140*
HU10150*
HU10260*
HU10280*
800V
600V
500V
400V
300V
200V
150V
100V
50V
Max reverse recovery time
C
FSM
I
FM
rr
RM
RM
I
I
t
V
T
HU100
HU102
HU101
135°C
120°C
115°C
1500A
1400A
1200A
.975V
1.25V
1.35V
50ns
70ns
90ns
6.0mA
50µA
Electrical Characteristics
FM = 100A: J = 25°C*
1/2A, 1A, 1/4A, J = 25°C
RRM, J = 25°C
0.5°C/W
Ultra Fast Recovery
RRM 50 to 800 Volts
V
High surge capacity
100 Amp current rating
F(AV) 100A
100A
100A
Square Wave
I
Case Temperature
Average forward current
R = 10V, J = 25°C
CJ
Typical Junction capacitance
V
T
575pF
300pF
275pF
R0JC = 0.5°C/W
STG
J
-55°C to 175°C
JC
Case to sink
.012°C/W
Typical thermal resistance (greased)
Weight
1.1 ounces (32 grams) typical
CS
0
R
700V
HU10270*
700V
20-25 inch pounds
Mounting base torque - (outside holes)
copper
Baseplate: Nickel plated
Notes:
H
A
E
L
K
F
C
G
J
D
B
Notes
A
1.56
39.62
38.86
1/4-20 UNC-2B
.130
.162
.505
.580
.755
1.197
.775
.625
.162
L
J
K
H
F
G
E
C
D
B
.120
.495
.540
.152
.745
.152
.605
1.177
.725
3.05
12.57
3.86
13.72
3.86
18.92
15.37
18.42
29.90
3.30
14.73
12.83
4.11
Dia.
19.18
4.11
15.88
19.69
30.41
Dia.
Sq.
Maximum
Minimum
Dim. Inches
1.52
Millimeter
Minimum Maximum
Base is cathode
Std. Polarity
Rev. Polarity
Base is anode
January, 2010 - Rev. 2
www.microsemi.com


Similar Part No. - HU102

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HU10260 MICROSEMI-HU10260 Datasheet
213Kb / 4P
Ultrafast Recovery Modules
HU10270 MICROSEMI-HU10270 Datasheet
213Kb / 4P
Ultrafast Recovery Modules
HU10280 MICROSEMI-HU10280 Datasheet
213Kb / 4P
Ultrafast Recovery Modules
More results

Similar Description - HU102

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
Ultrafast Recovery Modules
logo
Microsemi Corporation
HU100 MICROSEMI-HU100_11 Datasheet
213Kb / 4P
Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
Ultrafast Recovery Modules
HU20260 MICROSEMI-HU20260_11 Datasheet
128Kb / 2P
Ultrafast Recovery Modules
UFT70SM MICROSEMI-UFT70SM_10 Datasheet
219Kb / 4P
Ultrafast Recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
Ultrafast Recovery Modules
UFT150 MICROSEMI-UFT150_10 Datasheet
217Kb / 4P
Ultrafast Recovery Modules
UFT210 MICROSEMI-UFT210_10 Datasheet
216Kb / 4P
Ultrafast Recovery Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com