Electronic Components Datasheet Search
  English  ▼

X  

2N918UB Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N918UB
Description  NPN LOW POWER SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N918UB Datasheet(HTML) 1 Page - Microsemi Corporation

  2N918UB Datasheet HTML 1Page - Microsemi Corporation 2N918UB Datasheet HTML 2Page - Microsemi Corporation 2N918UB Datasheet HTML 3Page - Microsemi Corporation 2N918UB Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
NPN LOW POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/301
T4-LDS-0010 Rev. 3 (101342)
Page 1 of 4
DEVICES
LEVELS
2N918
2N918UB
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
15
Vdc
Collector-Base Voltage
VCBO
30
Vdc
Emitter-Base Voltage
VEBO
3.0
Vdc
Collector Current
IC
50
mAdc
Total Power Dissipation @ T
A = +25°C
(1)
PT
200
mW
Operating & Storage Junction Temperature Range
Top & Tstg
-65 to +200
°C
Note: 1) Derate linearly 1.14mW/°C above TA > 25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 3mAdc
V(BR)CEO
15
Vdc
Collector-Base Cutoff Current
VCB = 30Vdc
VCB = 25Vdc
VCB = 25Vdc; TA = +150°C
ICBO
1.0
10
1.0
µAdc
ηAdc
µAdc
Emitter-Base Cutoff Current
VEB = 3.0Vdc
VEB = 2.5Vdc
IEBO
10
10
µAdc
ηAdc
Forward-Current Transfer Ratio
IC = 0.5mAdc, VCE = 10Vdc
IC = 3.0mAdc, VCE = 1.0Vdc
IC = 10mAdc, VCE = 10Vdc
IC = 3.0mAdc, VCE = 1.0Vdc; TA = -55°C
hFE
10
20
20
10
200
Collector-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
VCE(sat)
0.4
Vdc
Base-Emitter Voltage
IC = 10mAdc, IB = 1.0mAdc
VBE(sat)
1.0
Vdc
TO-72
2N918
3 PIN
2N918UB


Similar Part No. - 2N918UB

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N918UB SEMICOA-2N918UB Datasheet
30Kb / 1P
Chip Type 2C918 Geometry 0013 Polarity NPN
2N918UB SEMICOA-2N918UB Datasheet
107Kb / 2P
Silicon NPN Transistor
logo
Microsemi Corporation
2N918UB MICROSEMI-2N918UB Datasheet
103Kb / 2P
NPN SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N918UB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
NPN SILICON LOW POWER TRANSISTOR
REV. A
logo
Microsemi Corporation
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
NPN LOW POWER SILICON TRANSISTOR
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com