Electronic Components Datasheet Search
  English  ▼

X  

2N4150 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N4150
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4150 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N4150 Datasheet HTML 1Page - Microsemi Corporation 2N4150 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/394
T4-LDS-0014 Rev. 4 (082192)
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (CONT.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Collector-Base Cutoff Current
VCB = 100Vdc
VCB = 150Vdc
VCB = 200Vdc
VCB = 80Vdc
2N4150, 2N4150S
2N5237, 2N5237S
2N5238, 2N5238S
All Types
ICBO
10
10
10
0.1
µAdc
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 1.0Adc, VCE = 5.0Vdc
IC = 5.0Adc, VCE = 5.0Vdc
IC = 10Adc, VCE = 5.0Vdc
2N4150, 2N4150S
2N5237, 2N5237S
2N5238, 2N5238S
All Types
All Types
hFE
50
50
50
40
10
200
225
225
120
-
Collector-Emitter Saturation Voltage
IC = 5.0Adc, IB = 0.5Adc
IC = 10Adc, IB = 1.0Adc
VCE(sat)
0.6
2.5
Vdc
Base-Emitter Saturation Voltage
IC = 5.0Adc, IB = 0.5Adc
IC = 10Adc, IB = 1.0Adc
VBE(sat)
1.5
25
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 0.2Adc, VCE = 10Vdc, f = 10MHz
|hfe|
1.5
7.5
Forward Current Transfer Ratio
IC = 50mAdc, VCE = 5.0V, f = 1.0kHz
2N4150, 2N4150S
2N5237, 2N5237S
2N5238, 2N5238S
hfe
40
40
40
160
160
250
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
350
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Delay Time
td
50
ns
Rise Time
VCC = 20Vdc, VBB = 5.0Vdc
IC = 5.0Adc, IB1 = 0.5Adc
tr
500
ns
Storage Time
ts
1.5
µs
Fall Time
VCC = 20Vdc, VBB = 5.0Vdc
IC = 5.0Adc, IB1 = -IB2 = -0.5Adc
tf
500
ns
SAFE OPERATING AREA
DC Tests
TC = +25°C, 1 Cycle, t = 1.0s
Test 1
VCE = 40Vdc, IC = 0.22Adc
Test 2
VCE = 70Vdc, IC = 90mAdc
Test 3
VCE = 120Vdc, IC = 15mAdc
VCE = 170Vdc, IC = 3.5mAdc
2N5237, 2N5237S
2N5238, 2N5238S
(3) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com