Electronic Components Datasheet Search
  English  ▼

X  

CJD42C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CJD42C
Description  SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CJD42C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CJD42C Datasheet HTML 1Page - Central Semiconductor Corp CJD42C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CJD41C NPN
CJD42C PNP
SURFACE MOUNT
COMPLEMENTARY SILICON
POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CJD41C, CJD42C
types are Complementary Silicon Power Transistors
manufactured by the epitaxial base process, mounted
in a surface mount package designed for power
amplifier and high speed switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
6.0
A
Peak Collector Current
ICM
10
A
Continuous Base Current
IB
2.0
A
Power Dissipation
PD
20
W
Power Dissipation (TA=25°C)
PD
1.75
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
6.25
°C/W
Thermal Resistance
ΘJA
71.4
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=60V
50
µA
ICES
VCE=100V
10
µA
IEBO
VEB=5.0V
500
µA
BVCEO
IC=30mA
100
V
VCE(SAT)
IC=6.0A, IB=600mA
1.5
V
VBE(ON)
VCE=4.0V, IC=6.0A
2.0
V
hFE
VCE=4.0V, IC=300mA
30
hFE
VCE=4.0V, IC=3.0A
15
75
fT
VCE=10V, IC=500mA, f=1.0MHz
3.0
MHz
hfe
VCE=10V, IC=500mA, f=1.0kHz
20
DPAK TRANSISTOR CASE
R2 (4-January 2010)
www.centra lsemi.com


Similar Part No. - CJD42C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD42C CENTRAL-CJD42C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD42CPNP CENTRAL-CJD42CPNP Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
More results

Similar Description - CJD42C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA06 CENTRAL-CMPTA06 Datasheet
121Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CJD31C CENTRAL-CJD31C_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD44H11 CENTRAL-CJD44H11_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD200 CENTRAL-CJD200_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD340 CENTRAL-CJD340_10 Datasheet
424Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD2955 CENTRAL-CJD2955_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT31C CENTRAL-CZT31C Datasheet
602Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_10 Datasheet
604Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT31C CENTRAL-CZT31C_15 Datasheet
602Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_15 Datasheet
604Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com