Electronic Components Datasheet Search
  English  ▼

X  

2N3507AL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3507AL
Description  NPN MEDIUM POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3507AL Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3507AL Datasheet HTML 1Page - Microsemi Corporation 2N3507AL Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN MEDIUM POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/349
T4-LDS-0016 Rev. 1 (072040)
Page 1 of 2
DEVICES
LEVELS
2N3506
2N3507
JAN
2N3506A
2N3507A
JANTX
2N3506L
2N3507L
JANTXV
2N3506AL
2N3507AL
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N3506
2N3507
Unit
Collector-Emitter Voltage
VCEO
40
50
Vdc
Collector-Base Voltage
VCBO
60
80
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
3.0
Adc
Total Power Dissipation
@ TA = 25°C
(1)
@ TC = 25°C
(2)
PT
1.0
5.0
W
Operating & Storage Temperature Range
Top, Tstg
-65 to +200
°C
Note:
1)
Derate linearly 5.71 mW/°C for TA > +25°C
2)
Derate linearly 55.5 mW/°C for TC > +25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
2N3506
2N3507
V(BR)CEO
40
50
Vdc
Collector-Emitter Cutoff Current
VCE = 40Vdc
VCE = 60Vdc
2N3506
2N3507
ICEX
1.0
1.0
µAdc
Collector-Base Breakdown Voltage
IC = 100µAdc
V(BR)CBO
60
80
Vdc
Emitter-Base Breakdown Voltage
IE = 10µAdc
V(BR)EBO
5
Vdc
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 500mAdc, VCE = 1Vdc
2N3506
2N3507
hFE
50
35
250
175
Forward-Current Transfer Ratio
IC = 1.5Adc, VCE = 2Vdc
2N3506
2N3507
hFE
40
30
200
150
Forward-Current Transfer Ratio
IC = 2.5Adc, VCE = 3Vdc
2N3506
2N3507
hFE
30
25
TO-5 (L-Versions)
TO-39 (TO-205-AD)


Similar Part No. - 2N3507AL

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3507AL SEMICOA-2N3507AL Datasheet
109Kb / 2P
Silicon NPN Transistor
More results

Similar Description - 2N3507AL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
NPN Silicon Medium Power Transistor
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
Medium Power Transistor NPN silicon
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
NPN Silicon Medium Power Transistor
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
NPN Silicon Medium Power Transistor
PZTA42-C SECOS-PZTA42-C Datasheet
246Kb / 2P
NPN Silicon Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com