Electronic Components Datasheet Search
  English  ▼

X  

CJD122 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CJD122
Description  SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CJD122 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CJD122 Datasheet HTML 1Page - Central Semiconductor Corp CJD122 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CJD122 NPN
CJD127 PNP
SURFACE MOUNT
COMPLEMENTARY SILICON
POWER DARLINGTON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CJD122, CJD127
types are Complementary Silicon Power Darlington
Transistors manufactured in a surface mount package
designed for low speed switching and amplifier
applications.
MARKING: FULL PART NUMBER
DPAK TRANSISTOR CASE
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
8.0
A
Peak Collector Current
ICM
16
A
Continuous Base Current
IB
120
mA
Power Dissipation
PD
20
W
Power Dissipation (TA=25°C)
PD
1.75
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
6.25
°C/W
Thermal Resistance
ΘJA
71.4
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=50V
10
µA
ICEV
VCE=100V, VBE(off)=1.5V
10
µA
ICEV
VCE=100V, VBE(off)=1.5V, TC=125°C
500
µA
ICBO
VCB=100V
10
µA
IEBO
VEB=5.0V
2.0
mA
BVCEO
IC=30mA
100
V
VCE(SAT)
IC=4.0A, IB=16mA
2.0
V
VCE(SAT)
IC=8.0A, IB=80mA
4.0
V
VBE(SAT)
IC=8.0A, IB=80mA
4.5
V
VBE(ON)
VCE=4.0V, IC=4.0A
2.8
V
hFE
VCE=4.0V, IC=4.0A
1000
12000
hFE
VCE=4.0V, IC=8.0A
100
fT
VCE=4.0V, IC=3.0A, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=1.0MHz (CJD122)
200
pF
Cob
VCB=10V, IE=0, f=1.0MHz (CJD127)
300
pF
hfe
VCE=4.0V, IC=3.0A, f=1.0kHz
300
R2 (4-January 2010)
www.centra lsemi.com


Similar Part No. - CJD122

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD122 CENTRAL-CJD122 Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
CJD122 CENTRAL-CJD122 Datasheet
557Kb / 2P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
CJD122NPN CENTRAL-CJD122NPN Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
More results

Similar Description - CJD122

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZTA14 CENTRAL-CZTA14 Datasheet
70Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CXTA14 CENTRAL-CXTA14 Datasheet
68Kb / 2P
SURFACE MOUNT SILICON COMPLEMENTARY DARLINGTON TRANSISTORS
CJD112 CENTRAL-CJD112_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
CXTA14 CENTRAL-CXTA14_10 Datasheet
289Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CZT122 CENTRAL-CZT122_10 Datasheet
602Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
CZTA14 CENTRAL-CZTA14_11 Datasheet
532Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CMPTA13 CENTRAL-CMPTA13 Datasheet
321Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CXTA14 CENTRAL-CXTA14 Datasheet
283Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CZT122 CENTRAL-CZT122 Datasheet
597Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
CZTA14 CENTRAL-CZTA14 Datasheet
526Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com