Electronic Components Datasheet Search
  English  ▼

X  

CMDZ1L8 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMDZ1L8
Description  SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ1L8 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMDZ1L8 Datasheet HTML 1Page - Central Semiconductor Corp CMDZ1L8 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMDZ1L8 THRU CMDZ47L
SURFACE MOUNT SILICON
LOW LEVEL ZENER DIODE
250mW, 1.8 THRU 47 VOLTS
±5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMDZ1L8 Series
Silicon Low Level Zener Diode is a high quality voltage
regulator, manufactured in a SUPERmini™ surface
mount package, designed for applications requiring a
low operating current, low leakage, and a sharp knee.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNIT
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9V Max @ IF=10mA (for all types)
SOD-323 CASE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
TEMPERATURE
COEFFICIENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
ΘV
Z
V
V
V
μA
Ω
μA
V
%/°C
CMDZ1L8
1.710
1.8
1.890
500
1200
25
1.0
-0.085
7N
CMDZ2L0
1.900
2.0
2.100
500
1100
25
1.0
-0.080
8N
CMDZ2L2
2.090
2.2
2.310
500
1000
25
1.0
-0.065
9N
CMDZ2L4
2.280
2.4
2.520
500
900
25
1.0
-0.060
AP
CMDZ2L5
2.375
2.5
2.625
500
900
10
1.0
-0.060
BP
CMDZ2L7
2.565
2.7
2.835
500
900
10
1.0
±0.055
CP
CMDZ2L8
2.660
2.8
2.940
500
900
10
1.0
±0.055
DP
CMDZ3L0
2.850
3.0
3.150
500
900
5.0
1.0
±0.055
EP
CMDZ3L3
3.135
3.3
3.465
500
900
5.0
1.0
±0.055
FP
CMDZ3L6
3.420
3.6
3.780
500
900
5.0
1.0
±0.030
GP
CMDZ3L9
3.705
3.9
4.095
500
900
5.0
1.0
±0.030
HP
CMDZ4L3
4.085
4.3
4.515
500
900
5.0
1.0
±0.030
JP
CMDZ4L7
4.465
4.7
4.935
500
750
1.0
1.5
±0.030
KP
CMDZ5L1
4.845
5.1
5.355
500
400
1.0
1.5
±0.030
LP
CMDZ5L6
5.320
5.6
5.880
500
325
1.0
2.0
+0.038
NP
CMDZ6L2
5.890
6.2
6.510
500
90
1.0
2.0
+0.045
OP
CMDZ6L8
6.460
6.8
7.140
500
60
1.0
3.5
+0.050
PP
CMDZ7L5
7.125
7.5
7.875
500
60
1.0
3.5
+0.058
QP
CMDZ8L2
7.790
8.2
8.610
500
60
1.0
6.0
+0.062
RP
CMDZ9L1
8.645
9.1
9.555
500
60
1.0
6.0
+0.068
SP
CMDZ10L
9.50
10
10.50
500
80
1.0
8.0
+0.075
TP
CMDZ11L
10.45
11
11.55
500
80
1.0
8.0
+0.076
UP
CMDZ12L
11.40
12
12.60
500
80
1.0
10.5
+0.077
VP
CMDZ13L
12.35
13
13.65
500
80
1.0
10.5
+0.079
XP
CMDZ15L
14.25
15
15.75
500
80
1.0
11.5
+0.082
YP
R10 (21-October 2010)
www.centr a lsemi.com


Similar Part No. - CMDZ1L8

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
More results

Similar Description - CMDZ1L8

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B Datasheet
130Kb / 2P
SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMOZ1L8 CENTRAL-CMOZ1L8 Datasheet
111Kb / 2P
SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_10 Datasheet
380Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
CMOZ1L8 CENTRAL-CMOZ1L8_10 Datasheet
347Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
CLL4678 CENTRAL-CLL4678_10 Datasheet
310Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com