Electronic Components Datasheet Search
  English  ▼

X  

2N5664 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N5664
Description  NPN POWER SILICON SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5664 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N5664 Datasheet HTML 1Page - Microsemi Corporation 2N5664 Datasheet HTML 2Page - Microsemi Corporation 2N5664 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/455
T4-LDS-0062 Rev. 1 (081095)
Page 3 of 3
SAFE OPERATING AREA
DC Tests
TC = 100°C, 1 Cycle, t ≥ 1.0s, tr + tf = 10μs
Test 1
VCE = 6.0Vdc, IC = 5.0Adc
VCE = 3.0Vdc, IC = 5.0Adc
2N5664 , 2N5665
2N5666, 2N5667
Test 2
VCE = 32Vdc, IC = 0.75Adc
VCE = 40Vdc, IC = 0.75Adc
VCE = 29Vdc, IC = 0.4Adc
VCE = 37.5Vdc, IC = 0.4Adc
2N5664
2N5665
2N5666
2N5667
Test 3
VCE = 200Vdc, IC = 29mAdc
VCE = 200Vdc, IC = 19mAdc
VCE = 300Vdc, IC = 21mAdc
VCE = 300Vdc, IC = 14mAdc
2N5664
2N5666
2N5665
2N5667
(2) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com