Electronic Components Datasheet Search
  English  ▼

X  

2N5151L Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N5151L
Description  PNP POWER SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5151L Datasheet(HTML) 4 Page - Microsemi Corporation

  2N5151L Datasheet HTML 1Page - Microsemi Corporation 2N5151L Datasheet HTML 2Page - Microsemi Corporation 2N5151L Datasheet HTML 3Page - Microsemi Corporation 2N5151L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/545
T4-LDS-0132 Rev. 1 (091476)
Page 4 of 4
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Beyond r (radius) maximum, TW shall be held for a minimum length of .011 inch (0.28 mm).
4
TL measured from maximum HD.
5
Outline in this zone is not controlled.
6
CD shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
7
Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within.007 inch (0.18 mm)
radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC.
8
LU applied between L1 and L2. LD applies between L2 and LL minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
9
All three leads.
10 The collector shall be electrically and mechanically connected to the case.
11 r (radius) applies to both inside corners of tab.
12 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
13 For transistor types 2N5151 and 2N5153, LL is .5 inch (13 mm) minimum, and .75 inch (19 mm) maximum.
14 For transistor types 2N5151L and 2N5153L, LL is 1.5 inch (38 mm) minimum and 1.75 inch (44.4 mm) maximum.
15 Lead designation, depending on device type, shall be as follows: lead numbering; lead 1 = emitter, lead 2 = base, and lead 3 =
collector.
FIGURE 2 (U3)
PACKAGE DIMMENSIONS
Dimensions
Symbol
Inches
Millimeters
Min
Max
Min
Max
BL
.395
.405
10.04
10.28
BW
.291
.301
7.40
7.64
CH
.1085
.1205
2.76
3.06
LH
.010
.020
0.25
0.51
LL1
.220
.230
5.59
5.84
LL2
.115
.125
2.93
3.17
LS1
.150 BSC
3.81 BSC
LS2
.075 BSC
1.91 BSC
LW1
.281
.291
7.14
7.39
LW2
.090
.100
2.29
2.54
Q1
.030
0.762
Q2
.030
0.762
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Terminal 1 - collector, terminal 2 - base, terminal 3 - emitter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com