Electronic Components Datasheet Search
  English  ▼

X  

2N3634 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3634
Description  PNP SILICON SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3634 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3634 Datasheet HTML 1Page - Microsemi Corporation 2N3634 Datasheet HTML 2Page - Microsemi Corporation 2N3634 Datasheet HTML 3Page - Microsemi Corporation 2N3634 Datasheet HTML 4Page - Microsemi Corporation 2N3634 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0156 Rev. 2 (101452)
Page 3 of 5
SAFE OPERATING AREA
DC Tests
TC = 25°C, 1 Cycle, t = 1.0s
Test 1
VCE = 100Vdc, IC = 30mAdc
VCE = 130Vdc, IC = 20mAdc
2N3634, 2N3635
2N3636, 2N3637
Test 2
VCE = 50Vdc, IC = 95mAdc
Test 3
VCE = 5.0Vdc, IC = 1.0Adc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com