Electronic Components Datasheet Search
  English  ▼

X  

2N3636 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3636
Description  PNP SILICON SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3636 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3636 Datasheet HTML 1Page - Microsemi Corporation 2N3636 Datasheet HTML 2Page - Microsemi Corporation 2N3636 Datasheet HTML 3Page - Microsemi Corporation 2N3636 Datasheet HTML 4Page - Microsemi Corporation 2N3636 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/357
T4-LDS-0156 Rev. 2 (101452)
Page 1 of 5
DEVICES
LEVELS
2N3634
2N3635
2N3636
2N3637
JAN
2N3634L
2N3635L
2N3636L
2N3637L
JANTX
2N3634UB
2N3635UB
2N3636UB
2N3637UB
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N3634*
2N3635*
2N3636*
2N3637*
Unit
Collector-Emitter Voltage
VCEO
140
175
Vdc
Collector-Base Voltage
VCBO
140
175
Vdc
Emitter-Base Voltage
VEBO
5.0
5.0
Vdc
Collector Current
IC
1.0
1.0
Adc
Total Power Dissipation
UB:
@ TA = +25°C
@ TC = +25°C
@ TC = +25°C
PT **
1.0
5.0
1.5
W
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
°C
* Electrical characteristics for “L” suffix devices are identical to the “non L” corresponding
devices.
** Consult 19500/357 for De-Rating curves.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
Vdc
IC = 10mAdc
2N3634, 2N3635
2N3636, 2N3637
140
175
Collector-Base Cutoff Current
ICBO
ηAdc
μAdc
μAdc
VCB = 100Vdc
VCB = 140Vdc
VCB = 175Vdc
2N3634, 2N3635
2N3636, 2N3637
100
10
10
Emitter-Base Cutoff Current
VEB = 3.0Vdc
VEB = 5.0Vdc
IEBO
50
10
ηAdc
μAdc
Collector-Emitter cutoff Current
VCE = 100Vdc
ICEO
10
μAdc
TO-5*
2N3634L, 2N3635L
2N3636L, 2N3637L
TO-39* (TO-205AD)
2N3634, 2N3635
2N3636, 2N3637
3 PIN
2N3634UB, 2N3635UB
2N3636UB, 2N3637UB


Similar Part No. - 2N3636

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3636 BOCA-2N3636 Datasheet
219Kb / 6P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3636 MICROSEMI-2N3636 Datasheet
57Kb / 2P
PNP SILICON AMPLIFIER TRANSISTOR
logo
Seme LAB
2N3636 SEME-LAB-2N3636 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
Microsemi Corporation
2N3636 MICROSEMI-2N3636 Datasheet
233Kb / 5P
RADIATION HARDENED
logo
Comset Semiconductor
2N3636 COMSET-2N3636 Datasheet
77Kb / 3P
SILICON PLANAR RF TRANSISTORS
More results

Similar Description - 2N3636

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
Silicon PNP Transistor Switching Transistor
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
PNP Silicon Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
SWITCHING TRANSISTOR PNP SILICON
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
PNP Silicon Switching Transistor
Jun-12-2002
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
PNP Silicon Switching Transistor
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
Switching Transistor PNP Silicon
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Microsemi Corporation
JANTX2N2905A-PIND MICROSEMI-JANTX2N2905A-PIND Datasheet
67Kb / 2P
PNP SWITCHING SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com