Electronic Components Datasheet Search
  English  ▼

X  

2N3996 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3996
Description  NPN POWER SWITCHING SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3996 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3996 Datasheet HTML 1Page - Microsemi Corporation 2N3996 Datasheet HTML 2Page - Microsemi Corporation 2N3996 Datasheet HTML 3Page - Microsemi Corporation 2N3996 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0165 Rev. 1 (100688)
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 50mAdc, VCE = 2.0Vdc
IC = 1.0Adc, VCE = 2.0Vdc
IC = 5.0Adc, VCE = 5.0Vdc
2N3996, 2N3998
hFE
30
40
15
120
IC = 50mAdc, VCE = 2.0Vdc
IC = 1.0Adc, VCE = 2.0Vdc
IC = 5.0Adc, VCE = 5.0Vdc
2N3997, 2N3999
60
80
20
240
Collector-Emitter Saturation Voltage
IC = 1.0Adc, IB = 0.1Adc
IC = 5.0Adc, IB = 0.5Adc
VCE(sat)
0.25
2.0
Vdc
Base-Emitter Saturation Voltage
IC = 1.0Adc, IB = 0.1Adc
IC = 5.0Adc, IB = 0.5Adc
VBE(sat)
0.6
1.2
1.6
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1.0Adc, VCE = 5.0Vdc, f = 10MHz
|hfe|
3.0
12
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
150
pF
SAFE OPERATING AREA
DC Tests
TC = +100°C, 1 Cycle, t = 1.0s
Test 1
VCE = 80Vdc, IC = 0.08Adc
Test 2
VCE = 20Vdc, IC = 1.5Adc
(4) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com