Electronic Components Datasheet Search
  English  ▼

X  

2N3868 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3868
Description  PNP SILICON LOW POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3868 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3868 Datasheet HTML 1Page - Microsemi Corporation 2N3868 Datasheet HTML 2Page - Microsemi Corporation 2N3868 Datasheet HTML 3Page - Microsemi Corporation 2N3868 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
PNP SILICON LOW POWER TRANSISTOR
Qualified per MIL-PRF-19500/350
T4-LDS-0170 Rev. 1 (101121)
Page 1 of 4
DEVICES
LEVELS
2N3867
2N3867S
JAN
2N3868
2N3868S
JANTX
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol 2N3867
2N3868
Unit
Collector-Base Voltage
VCBO
40
60
Vdc
Collector-Emitter Voltage
VCEO
40
60
Vdc
Emitter-Base Voltage
VEBO
4.0
Vdc
Collector Current
IC
3.0
mAdc
Total Power Dissipation
@ TA = +25°C
(1)
PT
1.0
W/°C
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Ambient
RθJA
175
°C/mW
Note: * Electrical characteristics for “S” suffix devices are identical to the “non S”
corresponding devices.
1/ Derate linearly 5.71mW/°C for TA > +25°C
2/ Derate linearly 57.1mW/°C for TC > +25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Current
V(BR)CEO
Vdc
IC = 10μAdc
2N3867, S
2N3868, S
40
60
Collector-Base Cutoff Current
VCB = 40Vdc
VCB = 60Vdc
2N3867, S
2N3868, S
ICBO
100
µAdc
Emitter-Base Cutoff Current
VEB = 4.0Vdc
IEBO
100
µAdc
Collector-Emitter Cutoff Current
VCE = 40Vdc
VCE = 60Vdc
VCE = 40Vdc, TA = +150°C
VCE = 60Vdc, TA = +150°C
2N3867, S
2N3868, S
2N3867, S
2N3868, S
ICEX
1.0
1.0
50
50
µAdc
TO-5 *
2N3867, 2N3868
TO-39 * (TP-205AD)
2N3867S, 2N3868S


Similar Part No. - 2N3868

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3868 MICROSEMI-2N3868 Datasheet
56Kb / 2P
Silicon PNP Power Transistors
2N3868 MICROSEMI-2N3868 Datasheet
56Kb / 3P
Silicon PNP Power Transistors
logo
Central Semiconductor C...
2N3868 CENTRAL-2N3868 Datasheet
22Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N3868 ETC1-2N3868 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
logo
New Jersey Semi-Conduct...
2N3868 NJSEMI-2N3868 Datasheet
153Kb / 1P
POWER TRANSISTORS PNP SILICON
More results

Similar Description - 2N3868

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
LOW POWER PNP SILICON TRANSISTOR
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
PNP LOW POWER SILICON TRANSISTOR
2N2604 MICROSEMI-2N2604 Datasheet
66Kb / 2P
PNP SILICON LOW POWER TRANSISTOR
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
Microsemi Corporation
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
2N3250A MICROSEMI-2N3250A_1 Datasheet
135Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com