Electronic Components Datasheet Search
  English  ▼

X  

2N3735L Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N3735L
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3735L Datasheet(HTML) 4 Page - Microsemi Corporation

  2N3735L Datasheet HTML 1Page - Microsemi Corporation 2N3735L Datasheet HTML 2Page - Microsemi Corporation 2N3735L Datasheet HTML 3Page - Microsemi Corporation 2N3735L Datasheet HTML 4Page - Microsemi Corporation 2N3735L Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0173 Rev. 1 (101069)
Page 4 of 5
PACKAGE DIMENSIONS
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Symbol TL is measured from HD maximum.
4
Details of outline in this zone are optional.
5
Leads at gauge plane .054 inch (1.37 mm) +.001 inch (0.03 mm) -.000 inch (0.00 mm) below seating plane shall be within
.007 inch (0.18 mm) radius of TP relative to tab. Device may be measured by direct methods or by gauge.
6
Symbol LU applies between L1 and L2. Dimension LD applies between L2 and LL minimum.
7
Lead number three is electrically connected to case.
8
Beyond r maximum, TW shall be held for a minimum length of .011 inch (0.28 mm).
9
Symbol r applied to both inside corners of tab.
10 In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
11 Lead 1 is emitter, lead 2 is base, and lead 3 is collector.
FIGURE 2: Physical dimensions – TO-46 2N3737
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.178
.195
4.52
4.95
CH
.065
.085
1.65
2.16
HD
.209
.230
5.31
5.84
LC
.100 TP
2.54 TP
5
LD
.016
.021
0.41
0.53
LL
.500
1.750
12.70
44.45
6
LU
.016
.019
0.41
0.48
6
L1
.050
1.27
6
L2
.250
6.35
6
Q
.040
1.02
3
TL
.028
.048
0.71
1.22
8
TW
.036
.046
0.91
1.17
4
r
.010
0.25
9
α
45° TP
45° TP
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com