Electronic Components Datasheet Search
  English  ▼

X  

CMLD6263C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLD6263C
Description  SURFACE MOUNT DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD6263C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLD6263C Datasheet HTML 1Page - Central Semiconductor Corp CMLD6263C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLD6263A
CMLD6263C
CMLD6263S
SURFACE MOUNT
DUAL PAIR, HIGH VOLTAGE
SILICON SCHOTTKY DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLD6263 Series
incorporates two pair, high voltage, low VF Silicon
Diodes in a space saving SOT-563 surface mount
package. These diodes are designed for fast switching
applications requiring a low forward voltage drop.
MARKING CODES:
CMLD6263A: 63A
CMLD6263C: 63C
CMLD6263S: 63S
SOT-563 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
70
V
Continuous Forward Current
IF
15
mA
Peak Forward Surge Current, tp=1.0s
IFSM
50
mA
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=50V
98
200
nA
BVR
IR=10μA
70
V
VF
IF=1.0mA
395
410
mV
CT
VR=0, f=1.0MHz
2.0
pF
trr
IR=IF=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
FEATURES:
• High Voltage (70V)
• Low Forward Voltage
• Various Dual Pair Configurations
R2 (18-January 2010)
www.centra lsemi.com


Similar Part No. - CMLD6263C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD6263C CENTRAL-CMLD6263C Datasheet
104Kb / 2P
SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLD6263C CENTRAL-CMLD6263C Datasheet
452Kb / 3P
HIGH VOLTAGE SCHOTTKY DIODES
More results

Similar Description - CMLD6263C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD6263 CENTRAL-CMLD6263 Datasheet
98Kb / 2P
SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLD6263A CENTRAL-CMLD6263A Datasheet
104Kb / 2P
SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLSH2-4LA CENTRAL-CMLSH2-4LA Datasheet
667Kb / 3P
SURFACE MOUNT DUAL PAIR, LOW VF SILICON SCHOTTKY DIODES
CMKD2836 CENTRAL-CMKD2836_10 Datasheet
434Kb / 2P
SURFACE MOUNT DUAL PAIR HIGH SPEED SILICON SWITCHING DIODES
CMKD6263DO CENTRAL-CMKD6263DO_10 Datasheet
495Kb / 2P
SURFACE MOUNT DUAL OPPOSING HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLD2838 CENTRAL-CMLD2838_10 Datasheet
513Kb / 2P
SURFACE MOUNT DUAL PAIR, SILICON SWITCHING DIODES
CMLD6263 CENTRAL-CMLD6263_10 Datasheet
582Kb / 2P
SURFACE MOUNT DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLD6263DO CENTRAL-CMLD6263DO_10 Datasheet
579Kb / 2P
SURFACE MOUNT DUAL OPPOSING HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMLSH2-4LA CENTRAL-CMLSH2-4LA_10 Datasheet
1Mb / 3P
SURFACE MOUNT DUAL PAIR, LOW VF SILICON SCHOTTKY DIODES
CMXD2004S CENTRAL-CMXD2004S_10 Datasheet
434Kb / 2P
SURFACE MOUNT DUAL PAIR, IN-SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com