Electronic Components Datasheet Search
  English  ▼

X  

CMLT4413 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT4413
Description  SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT4413 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT4413 Datasheet HTML 1Page - Central Semiconductor Corp CMLT4413 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLT4413
SURFACE MOUNT
COMPLEMENTARY NPN/PNP
SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLT4413
consists of one isolated 2N4401 NPN silicon transistor
and one complementary isolated 2N4403 PNP silicon
transistor, manufactured by the epitaxial planar process
and epoxy molded in an SOT-563 surface mount
package. This PICOmini™ device is designed for
small signal general purpose amplifier and switching
applications.
MARKING CODE: PC3
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
NPN (Q1)
PNP (Q2)
UNITS
Collector-Base Voltage
VCBO
60
40
V
Collector-Emitter Voltage
VCEO
40
40
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
NPN (Q1)
PNP (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=35V, VEB=0.4V
-
0.1
-
0.1
μA
IBEV
VCE=35V, VEB=0.4V
-
0.1
-
0.1
μA
BVCBO
IC=100μA
60
-
40
-
V
BVCEO
IC=1.0mA
40
-
40
-
V
BVEBO
IE=100μA
6.0
-
5.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.40
-
0.40
V
VCE(SAT)
IC=500mA, IB=50mA
-
0.75
-
0.75
V
VBE(SAT)
IC=150mA, IB=15mA
0.75
0.95
0.75
0.95
V
VBE(SAT)
IC=500mA, IB=50mA
-
1.2
-
1.3
V
hFE
VCE=1.0V, IC=0.1mA
20
-
30
-
hFE
VCE=1.0V, IC=1.0mA
40
-
60
-
hFE
VCE=1.0V, IC=10mA
80
-
100
-
hFE
VCE=1.0V, IC=150mA
100
300
-
-
hFE
VCE=2.0V, IC=150mA
-
-
100
300
hFE
VCE=2.0V, IC=500mA
40
-
20
-
fT
VCE=10V, IC=20mA, f=100MHz
250
-
200
-
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
-
6.5
-
8.5
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
-
30
-
30
pF
• Device is Halogen Free by design
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
SOT-563 CASE
R1 (20-January 2010)
www.centr a lsemi.com


Similar Part No. - CMLT4413

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
DUAL, COMPLEMENTARY TRANSISTOR
More results

Similar Description - CMLT4413

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
DST3946DPJ DIODES-DST3946DPJ Datasheet
200Kb / 9P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DS32040 Rev. 1 - 2
MMDT4146 DIODES-MMDT4146_09 Datasheet
100Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2 January 2009
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
DST3946DPJ DIODES-DST3946DPJ_15 Datasheet
201Kb / 9P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Rev 2
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 11
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
TT Electronics.
2N4854U TTELEC-2N4854U Datasheet
498Kb / 4P
Surface Mount NPN/ PNP Complementary Transistor
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com