Electronic Components Datasheet Search
  English  ▼

X  

PCH Datasheet(PDF) 3 Page - Tyco Electronics

Part # PCH
Description  Miniature Power PCB Relay PCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCH Datasheet(HTML) 3 Page - Tyco Electronics

  PCH Datasheet HTML 1Page - Tyco Electronics PCH Datasheet HTML 2Page - Tyco Electronics PCH Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
SCHRACK
Miniature Power PCB Relay PCH (Continued)
Product Key
Version
Contact material
Contacts
Coil
Part number
PCH-105D2M
flux proof
AgSnO2
1 NO contact
5 VDC
1461350-2
PCH-106D2M
standard
6 VDC
1461350-3
PCH-109D2M
9 VDC
1461350-4
PCH-112D2M
12 VDC
1461350-5
PCH-124D2M
24 VDC
1461350-6
PCH-148D2M
48 VDC
1461350-7
PCH-105D2
1 CO contact
5 VDC
9-1440003-7
PCH-106D2
6 VDC
9-1440003-8
PCH-109D2
9 VDC
9-1440003-9
PCH-112D2
12 VDC
1440004-0
PCH-124D2
24 VDC
1440004-1
PCH-148D2
48 VDC
1461410-2
PCH-105L2M
flux proof
1 NO contact
5 VDC
1461352-2
PCH-106L2M
sensitive
6 VDC
1461352-3
PCH-109L2M
9 VDC
1461352-4
PCH-112L2M
12 VDC
1461352-5
PCH-124L2M
24 VDC
1461352-6
PCH-105D2M-WG
flux proof
5 VDC
1721767-2
PCH-106D2M-WG
standard
6 VDC
1721767-3
PCH-109D2M-WG
materials according
9 VDC
1721767-4
PCH-112D2M-WG
IEC 60335-1
12 VDC
1721767-5
PCH-124D2M-WG
24 VDC
1721767-6
PCH-148D2M-WG
48 VDC
1721767-7
PCH-105D2-WG
1 CO contact
5 VDC
1721766-2
PCH-106D2-WG
6 VDC
1721766-3
PCH-109D2-WG
9 VDC
1721766-4
PCH-112D2-WG
12 VDC
1721766-5
PCH-124D2-WG
24 VDC
1721766-6
PCH-148D2-WG
48 VDC
1721766-7
PCH-105L2M-WG
flux proof
1 NO contact
5 VDC
1721768-2
PCH-106L2M-WG
sensitive
6 VDC
1721768-3
PCH-109L2M-WG
materials according
9 VDC
1721768-4
PCH-112L2M-WG
IEC 60335-1
12 VDC
1721768-5
PCH-124L2M-WG
24 VDC
1721768-6
Product key
Typical product key
PCH
-1
12
D
2
Type
PCH
Miniature PCB Relay RE
Version
1
1 pole
Coil
05
5 VDC
12
12 VDC
06
6 VDC
24
24 VDC
09
9 VDC
48
48 VDC
Coil power
D
standard 400 mW
L
sensitive 200 mW (for NO contact only)
Contact material
2
AgSnO2
Contact configuration
Blank
1 CO contact (1 form C)
M
1 NO contact (1 form A)
Enclosure
Blank
flux proof
H
wash tight
Version
Blank
standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com