Electronic Components Datasheet Search
  English  ▼

X  

SNR Datasheet(PDF) 1 Page - Tyco Electronics

Part # SNR
Description  Slimline PCB Relay SNR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SNR Datasheet(HTML) 1 Page - Tyco Electronics

  SNR_09 Datasheet HTML 1Page - Tyco Electronics SNR_09 Datasheet HTML 2Page - Tyco Electronics SNR_09 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Slimline PCB Relay SNR
n 1 pole 6 A, 1 CO or 1 NO contact
n Only 5 mm wide
n Sensitive coil 170 mW
n 4 kV coil-contact, 6 / 8 mm clearance/creepage, NO version
with 8 / 8 mm clearance/creepage on request
n Reinforced insulation (protection class II)
n Strong coil pins for DIN-rail socket
n Allows high function- / packing density
n Cadmium-free contacts, AgNi 90/10 for AC-loads
Applications: centralized and decentralized heating control,
extremely narrow interface elements, interface technology,
timers, PLC's, I/O modules, I/O-ports
F0140-D
Approvals
V REG.-Nr. 6666, Z E214024
Technical data of approved types on request
Contact data
Contact configuration
1CO or 1NO
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
6 A
Maximum breaking capacity AC
1500 VA
Limiting making capacity, max 4 s, duty factor 10%
10 A
Contact material
AgSnO2
AgSnO2
AgNi90/10
gold plated
Minimum contact load
100mA, 12V
50mW
100mA, 12V
Rated frequency of operation with / without load
6 /1200 min-1
Operate- / release time
max 12 / 5 ms
Bounce time
NO / NC contact
max 3 / 8 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
V23092-*****-A301, -A801
CO
6 A, 250 VAC, cos
ϕ=1
85°C
5x103
UL 508
V23092-*****-A301, -A801
NO / NC
6 A, 250 VAC, general purpose
85°C
6x103
V23092-*****-A301, -A801
NO / NC
B300
85°C
6x103
V23092-*****-A301, -A801
NO / NC
R300
85°C
6x103
EN60730-1
V23092-*****-A302
NO
3 A (1.5 A), 250 VAC,
85°C
100x103
V23092-*****-A302, -A802
NO
5 A (1.5 A), 250 VAC,
85°C
10x103
Coil data
Rated coil voltage range DC coil
5...60 VDC
Operative range to IEC 61810
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.5
0.25
147
+10%
170
012
12
8.4
0.6
848
+10%
170
024
24
16.8
1.2
3390
+10%
170
048
48
33.6
2.4
10600
+15%
217
060
60
42.0
3.0
20500
+15%
176
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - SNR_09

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
8M-bit Mask ROM
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
8M-bit Mask ROM
logo
Japan Automatic Machine...
SNR20-02HG JAM-SNR20-02HG Datasheet
653Kb / 7P
2MM W TO B CONNECTOR 5P HOUSING
SNR20-02WPB JAM-SNR20-02WPB Datasheet
653Kb / 7P
2MM W TO B CONNECTOR 5P HOUSING
SNR20-03HG JAM-SNR20-03HG Datasheet
653Kb / 7P
2MM W TO B CONNECTOR 5P HOUSING
More results

Similar Description - SNR_09

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC385 PICKER-PC385 Datasheet
218Kb / 2P
Slimline Power PCB Relay
logo
Tyco Electronics
SNR MACOM-SNR_06 Datasheet
176Kb / 3P
Slim PCB Relay SNR
PCN MACOM-PCN_09 Datasheet
192Kb / 2P
Slimline PCB Relay PCN
2-1393236-1 MACOM-2-1393236-1 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-2 MACOM-2-1393236-2 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1416100-0 MACOM-2-1416100-0 Datasheet
119Kb / 2P
Accessories Slim Interface Relay SNR
V23092 MACOM-V23092 Datasheet
475Kb / 3P
Slimline PCB Relay SNR
V23092-A1905-A301 MACOM-V23092-A1905-A301 Datasheet
351Kb / 3P
Slimline PCB Relay SNR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com