Electronic Components Datasheet Search
  English  ▼

X  

PSA5000A Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # PSA5000A
Description  Wireless broadband access
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PSA5000A Datasheet(HTML) 1 Page - Z-Communications, Inc

  PSA5000A Datasheet HTML 1Page - Z-Communications, Inc PSA5000A Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10 E+3
100 E+3
1 E+6
PSA5000A
HIPERLAN
Microwave Radio
Wireless broadband access
5
28
4900
-65
-85
-30
1
1
0 to 70
Frequency Range
Harmonic Suppression (2nd, typ.)
Sideband Spurs (typ.)
Switching Speed (typ., adjacent channel)
Startup Lock Time (typ.)
Operating Temperature Range
Package Style
PLL
MHz
dBc
dBc
mSec
mSec
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
PHASE LOCKED LOOP
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
4900
MHz
• Step Size:
1000 KHz
- Style Package
PLL
•
•
•
•
A1
Rev
•
AN-107 : How to Solder Z-COMM VCOs / PLLs
•
AN-202 : PLL Functional Description
NOTES:
Reference Oscillator Signal: 5 MHz<
<100 MHz
Prescaler: 32
Frequency Synthesizer: Analog Devices - ADF4106
14118 Stowe Drive, Suite B | Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
Power Output
0±3
dBm
Load Impedance
50
Step Size
1000
kHz
5000
5100
-
• Frequency Range:
-
5100
Charge Pump Output Current
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
dBc/Hz


Similar Part No. - PSA5000A

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results

Similar Description - PSA5000A

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL0391-50 LINKCOM-LAL0391-50 Datasheet
86Kb / 1P
Broadband Access Transformer
LAL0392-51 LINKCOM-LAL0392-51 Datasheet
87Kb / 1P
Broadband Access Transformer
LAL1223-52 LINKCOM-LAL1223-52 Datasheet
82Kb / 1P
Broadband Access Transformer
LAL1241-50 LINKCOM-LAL1241-50 Datasheet
85Kb / 1P
Broadband Access Transformer
LAL1243-50 LINKCOM-LAL1243-50 Datasheet
86Kb / 1P
Broadband Access Transformer
LAL2014-50 LINKCOM-LAL2014-50 Datasheet
89Kb / 1P
Broadband Access Transformer
LAL2029-71 LINKCOM-LAL2029-71 Datasheet
40Kb / 1P
Broadband Access Transformer
LAL0683-75 LINKCOM-LAL0683-75 Datasheet
79Kb / 1P
Broadband Access Transformer
LAL2043-51 LINKCOM-LAL2043-51 Datasheet
47Kb / 1P
Broadband Access Transformer
logo
PCTEL, Inc.
PCTMI2458-RPC PCTEL-PCTMI2458-RPC Datasheet
162Kb / 1P
Low-Profile Access Point Antenna for Broadband Wireless
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com