Electronic Components Datasheet Search
  English  ▼

X  

LC7584 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7584
Description  General-Purpose 1/2 Duty LCD Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7584 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7584 Datasheet HTML 1Page - Sanyo Semicon Device LC7584 Datasheet HTML 2Page - Sanyo Semicon Device LC7584 Datasheet HTML 3Page - Sanyo Semicon Device LC7584 Datasheet HTML 4Page - Sanyo Semicon Device LC7584 Datasheet HTML 5Page - Sanyo Semicon Device LC7584 Datasheet HTML 6Page - Sanyo Semicon Device LC7584 Datasheet HTML 7Page - Sanyo Semicon Device LC7584 Datasheet HTML 8Page - Sanyo Semicon Device LC7584 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No. 4966-2/9
LC75842E
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Low level clock pulse width
tøL
CL: Figure 1
160
ns
High level clock pulse width
tøH
CL: Figure 1
160
ns
Data setup time
tds
CL, DI: Figure 1
160
ns
Data hold time
tdh
CL, DI: Figure 1
160
ns
CE wait time
tcp
CE, CL: Figure 1
160
ns
CE setup time
tcs
CE, CL: Figure 1
160
ns
CE hold time
tch
CE, CL: Figure 1
160
ns
INH switching time
tc
INH, CE: Figure 3
10
µs
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis voltage
VH
CE, CL, DI, INH: VDD = 5.0 V
0.4
V
Input high level current
IIH
CE, CL, DI, INH: VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, INH: VI = 0 V
–5.0
µA
Output high level voltage
VOH1
S1 to S27: IO = –10 µA
VDD – 1.0
V
VOH2
COM1, COM2: IO = –100 µA
VDD – 0.6
V
Output low level voltage
VOL1
S1 to S27: IO = 10 µA
1.0
V
VOL2
COM1, COM2: IO = 100 µA
0.6
V
Output middle level voltage
VMID1
COM1, COM2: VDD = 6.0 V, IO = ±100 µA
2.4
3.0
3.6
V
VMID2
COM1, COM2: VDD = 4.0 V, IO = ±100 µA
1.4
2.0
2.6
V
Oscillator frequency
fOSC
OSC: ROSC = 68 kΩ, COSC = 680 pF
40
50
60
kHz
Current drain
IDD1
Power saving mode
5
µA
IDD2
VDD = 6.0 V, output open, fOSC = 50 kHz
1.2
2.0
mA
Electrical Characteristics in the Allowable Operating Ranges
1. When CL is stopped at the low level
2. When CL is stopped at the high level
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com