Electronic Components Datasheet Search
  English  ▼

X  

SFS5375A-LF Datasheet(PDF) 2 Page - Z-Communications, Inc

Part # SFS5375A-LF
Description  Fixed Frequency Synthesizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

SFS5375A-LF Datasheet(HTML) 2 Page - Z-Communications, Inc

  SFS5375A-LF Datasheet HTML 1Page - Z-Communications, Inc SFS5375A-LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Footprint
Fixed Frequency Synthesizer
Surface Mount Module
SFS5375A-LF
A1
Rev
0.030 MIN. CUTBACK
FROM LIVE PADS
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
RECOMMENDED FOOTPRINT
Physical Dimensions
1
Vcc(VCO)
3
RF OUT
5
MUX OUT
PIN CONFIGURATION
REST GROUND
6
Vcc(CHIP)
7
CLOCK
8
DATA
9
ENABLE
10
REF IN
6
5
4
3
2
1
7
8
9
10
11
12
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Phase Noise, typ.
Page 2 of 2
FRM-S-002 B
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
URL: www.zcomm.com | EMAIL: applications@zcomm.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com