Electronic Components Datasheet Search
  English  ▼

X  

CMPDM7003 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPDM7003
Description  SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPDM7003 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPDM7003 Datasheet HTML 1Page - Central Semiconductor Corp CMPDM7003 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPDM7003
SURFACE MOUNT
N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPDM7003 is
an Enhancement-mode N-Channel Field Effect
Transistor, manufactured by the N-Channel DMOS
Process, designed for high speed pulsed amplifier and
driver applications. This MOSFET offers low rDS(ON)
and ESD protection up to 2kV.
MARKING CODE: C7003
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
50
V
Drain-Gate Voltage
VDG
50
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current
ID
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=5.0V
100
nA
IGSSF, IGSSR
VGS=10V
2.0
μA
IGSSF, IGSSR
VGS=12V
2.0
μA
IDSS
VDS=50V, VGS=0
50
nA
BVDSS
VGS=0, ID=10μA
50
V
VGS(th)
VDS=VGS, ID=250μA
0.49
1.0
V
VSD
VGS=0, IS=115mA
1.4
V
rDS(ON)
VGS=1.8V, ID=50mA
1.6
3.0
Ω
rDS(ON)
VGS=2.5V, ID=50mA
1.3
2.5
Ω
rDS(ON)
VGS=5.0V, ID=50mA
1.1
2.0
Ω
gFS
VDS=10V, ID=200mA
200
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
FEATURES:
• ESD protection up to 2kV
• Low rDS(ON)
• Low VDS(ON)
• Low threshold voltage
• Fast switching
• Logic level compatibility
APPLICATIONS:
• Load/Power switches
• Power supply converter circuits
• Battery powered portable equipment
SOT-23 CASE
R1 (27-January 2010)
www.centra lsemi.com


Similar Part No. - CMPDM7003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM7003 CENTRAL-CMPDM7003_15 Datasheet
507Kb / 4P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CMPDM7003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM303NH CENTRAL-CMPDM303NH Datasheet
349Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7001 CENTRAL-CEDM7001 Datasheet
361Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7004 CENTRAL-CEDM7004 Datasheet
1,006Kb / 3P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7001 CENTRAL-CMUDM7001 Datasheet
347Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7002A-M621H CENTRAL-CTLDM7002A-M621H Datasheet
422Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M563 CENTRAL-CTLDM7120-M563 Datasheet
643Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CZDM1003N CENTRAL-CZDM1003N Datasheet
940Kb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CTLDM3590 CENTRAL-CTLDM3590 Datasheet
1Mb / 3P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7002AE CENTRAL-CEDM7002AE_15 Datasheet
811Kb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM7120G CENTRAL-CMLDM7120G_15 Datasheet
553Kb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com