Electronic Components Datasheet Search
  English  ▼

X  

CMPDM8002A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPDM8002A
Description  SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPDM8002A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPDM8002A Datasheet HTML 1Page - Central Semiconductor Corp CMPDM8002A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPDM8002A
SURFACE MOUNT
P-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
gFS
VDS =10V, ID=200mA
200
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
7.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
70
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
15
pF
ton, toff
VDD=30V, VGS=10V, ID=200mA,
RG=25Ω, RL=150Ω
20
ns
LEAD CODE:
1) Gate
2) Source
3) Drain
MARKING CODE: C802A
SOT-23 CASE - MECHANICAL OUTLINE
www.centralsemi.com
R1 (27-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com