Electronic Components Datasheet Search
  English  ▼

X  

T86 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T86
Description  Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T86 Datasheet(HTML) 1 Page - Vishay Siliconix

  T86 Datasheet HTML 1Page - Vishay Siliconix T86 Datasheet HTML 2Page - Vishay Siliconix T86 Datasheet HTML 3Page - Vishay Siliconix T86 Datasheet HTML 4Page - Vishay Siliconix T86 Datasheet HTML 5Page - Vishay Siliconix T86 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 40145
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 31-Jan-11
1
Solid Tantalum Surface Mount TANTAMOUNT®,
Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
T86
Vishay Sprague
FEATURES
• Terminations: 100 % matte tin, standard,
tin/lead available
• Molded case available in three case sizes
• Compatible with “High Volume” automatic pick
and place equipment
• High ripple current carrying capability
• Meets EIA 535BAAC case sizes
• Weibull grading and surge current test options per
MIL-PRF-55365
• Standard and low ESR options
• Compliant to RoHS Directive 2002/95/EC
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
(Above 85 °C voltage derating is required)
Capacitance Range: 0.47 μF to 470 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 50 VDC
ORDERING INFORMATION
T86
D
107
K
010
E
A
A
S
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT + 85 °C
TERMINATION/
PACKAGING
RELIABILITY
LEVEL
SURGE
CURRENT
ESR
See
Ratings
and
Case
Codes
Table
This is
expressed in
picofarads. The
first two digits
are the
significant
figures. The
third is the
number of zeros
to follow
K = ± 10 %
M = ± 20 %
This is expressed in V.
To complete the
three-digit block,
zeros precede the
voltage rating.
A decimal point
is indicated by an “R”
(6R3 = 6.3 V)
C = Matte tin/
7" (178 mm) reel
H = Matte tin/
7" (178 mm),
1/2 reel
E = Tin/lead/
7" (178 mm) reel
L = Tin/lead/
7" (178 mm),
1/2 reel
A = 1.0 %
B = 0.1 %
S = Hi-Rel
standard
Z = Non-ER
A = 10 cycles
at + 25 °C
B = 10 cycles at
- 55 °C/+ 85 °C
S = 3 cycles
at + 25 °C
S = Std.
L = Low
DIMENSIONS in inches (millimeters)
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.158 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
H
W
T
W
P
L
T
H
(MIN.)
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - T86

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T8601 TMT-T8601 Datasheet
189Kb / 2P
The T8601 is a low cost, simple, high-efficiency off-line LED driver IC.
logo
Integrated Technology F...
T86051B ITF-T86051B Datasheet
159Kb / 2P
860.0 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
List of Unclassifed Man...
T860N ETC-T860N Datasheet
1Mb / 3P
PHASE CONTROL THYRISTORS
logo
Infineon Technologies A...
T860N INFINEON-T860N Datasheet
298Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-03-17 revision:2.0
logo
Taiwan Memory Technolog...
T8611 TMT-T8611 Datasheet
189Kb / 2P
The T8611 is a simple, high voltage, linear current regulator.
More results

Similar Description - T86

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
22-Apr-08
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
14-Oct-08
T96 VISHAY-T96 Datasheet
93Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-10
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
25-Jun-13
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
13-Sep-16
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
26-Oct-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
22-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
22-Jun-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com