Electronic Components Datasheet Search
  English  ▼

X  

LC75893M Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC75893M
Description  1/3 Duty LCD Display Driver with Key Input Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75893M Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC75893M Datasheet HTML 15Page - Sanyo Semicon Device LC75893M Datasheet HTML 16Page - Sanyo Semicon Device LC75893M Datasheet HTML 17Page - Sanyo Semicon Device LC75893M Datasheet HTML 18Page - Sanyo Semicon Device LC75893M Datasheet HTML 19Page - Sanyo Semicon Device LC75893M Datasheet HTML 20Page - Sanyo Semicon Device LC75893M Datasheet HTML 21Page - Sanyo Semicon Device LC75893M Datasheet HTML 22Page - Sanyo Semicon Device LC75893M Datasheet HTML 23Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Notes on the controller key data read techniques
1. Timer based key data acquisition
• Flowchart
• Timing chart
• Explanation
In this technique, the controller uses a timer to determine key on/off states and read the key data. The controller must
check the DO state when CE is low every t7 period without fail. If DO is low, the controller recognizes that a key
has been pressed and executes the key data read operation.
The period t7 in this technique must satisfy the following condition.
t7 > (t5 + t6 + t4)
If a key data read operation is executed when DO is high, the read key data (KD1 to KD20) and sleep acknowledge
data (SA) will be invalid.
No. 5971-21/23
LC75893M
t3·······Key scan execution time when the key data agreed for two key scans (420T[s]).
t4·······Key scan execution time when the key data did not agree for two key scans and the key scan was executed again (840T[s]).
t5·······Key address (43H) transfer time
t6·······Key data read time
1
T = ——
fosc
CE = [L]
DO = [L]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com