Electronic Components Datasheet Search
  English  ▼

X  

CY23FS08 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY23FS08
Description  Failsafe??2.5 V/3.3 V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY23FS08 Datasheet HTML 7Page - Cypress Semiconductor CY23FS08 Datasheet HTML 8Page - Cypress Semiconductor CY23FS08 Datasheet HTML 9Page - Cypress Semiconductor CY23FS08 Datasheet HTML 10Page - Cypress Semiconductor CY23FS08 Datasheet HTML 11Page - Cypress Semiconductor CY23FS08 Datasheet HTML 12Page - Cypress Semiconductor CY23FS08 Datasheet HTML 13Page - Cypress Semiconductor CY23FS08 Datasheet HTML 14Page - Cypress Semiconductor CY23FS08 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CY23FS08
Document Number: 38-07518 Rev. *F
Page 14 of 15
Document History Page
Document Title: CY23FS08 Failsafe™ 2.5 V/3.3 V Zero Delay Buffer
Document Number: 38-07518
Rev.
ECN No. Submission
Date
Orig. of
Change
Description of Change
**
123699
04/23/03
RGL
New Data Sheet
*A
224067
See ECN
RGL/ZJX Changed the XTAL Specifications table.
*B
276749
See ECN
RGL
Removed (TLOCK) Lock Time Specification.
*C
417645
See ECN
RGL
Added Lead-free devices
Added typical nos. on jitters
*D
2865396
01/25/2010
KVM
Remove figures showing dynamic response to 180° phase change to REF
Add waveforms for input slew rate and intrabank skew
Change “Cl” to “CLOAD”
Absolute Maximum Conditions table: remove duplicate TA parameter
Replace crystal ECX–5806–18.432M with ECX–6362–18.432M
Remove obsolete part numbers CY23FS08OI, CY23FS08OIT, CY23FS08OC
and CY23FS08OCT
Replace “Lead-free” with “Pb-free”
Remove unreferenced footnote 9
Change package drawing title from “O28” to “SP28”, updated package diagram
Added Table of Contents
*E
2925613
04/30/10
KVM
Posting to external web.
*F
3130032
01/06/2011
BASH
Changed tD() max value from 200 to 500 and removed tD() Typical value in
Switching Characteristics on page 11.
Added Ordering Code Definition.
Added Acronyms and Units of Measure on page 13.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com