Electronic Components Datasheet Search
  English  ▼

X  

MAX9482EUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9482EUI
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9482EUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9482EUI Datasheet HTML 1Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 2Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 3Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 4Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 5Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 6Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 7Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 8Page - Maxim Integrated Products MAX9482EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to VEE ...........................................................................+12V
VLP to VLM............................................................................+12V
VCC or VLP to DGND ................................................-0.3V to +6V
VCC to VLP ................................................................-0.3V to +6V
VEE or VLM to DGND ................................................-6V to +0.3V
VEE to VLM ................................................................-6V to +0.3V
Current into VLP or VLM ..................................................±250mA
IN1+, IN1-, IN2+, IN2-......................(VCC + 0.3V) to (VEE - 0.3V)
SHDN ...............................................(VCC + 0.3V) to (VEE - 0.3V)
BOUT1/BOUT2 Output Short-Circuit Duration to
VCC/VEE/VLP/VLM....................................................Momentary
BOUT1/BOUT2 Output Current...........................................20mA
OUT1/OUT2 Output Short-Circuit Duration to
VCC/VEE/VLP/VLM....................................................Momentary
OUT1/OUT2 Output Current ....................................................1A
OUT1 to OUT2 Short-Circuit Duration ........................Continuous
POUT1/POUT2 Output Short-Circuit Duration to
VCC/VEE/VLP/VLM................................................................10s
POUT1/POUT2 Output Current .........................................100mA
RXP/RXM Output Short-Circuit Duration to
VCC/VEE/VLP/VLM................................................................10s
RXP/RXM Output Current..................................................100mA
Continuous Power Dissipation (TA = +70°C)
20-Pin TSSOP with Pad Connected to VEE
(derate 21.7mW/°C above +70°C) ..............................1739mW
20-Pin TSSOP with Floating Pad
(derate 11.0mW/°C above +70°C) ................................879mW
28-Pin TSSOP with Pad Connected to VEE
(derate 23.8mW/°C above +70°C) ..............................1905mW
28-Pin TSSOP with Floating Pad
(derate 12.8mW/°C above +70°C) ..............................1026mW
32-Pin QFN (derate 23.3mW/°C above +70°C) .........1860mW*
Operating Temperature Range
(TMIN, TMAX) .....................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VLP = +2.5V, VLM = -2.5V, DGND = 0, RL = 16
Ω is connected from OUT1 to OUT2, SHDN = 0, TA = TMIN to
TMAX, unless otherwise noted. Typical values specified at TA = +25°C. Preamp configured for AV = +1 with 1k
Ω from POUT_ to IN_-.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9480/
MAX9482
680
Dynamic Power Dissipation
PDISS
VOUT(DIFF) = 1.327VRMS,
crest factor = 5.3
MAX9481
655
mW
MAX9480/
MAX9482
790
Dynamic Power Consumption
PCONS
VOUT(DIFF) = 1.327VRMS,
crest factor = 5.3
MAX9481
765
mW
VCC
(Note 2)
4.75
5.00
5.25
VEE
(Note 2)
-4.75
-5.00
-5.25
VLP
(Note 2)
2.25
2.50
2.75
Supply Voltage Range
VLM
(Note 2)
-2.25
-2.50
-2.75
V
VCC, VEE
21.5
35.0
MAX9480, RL =
∞
VLP, VLM
22.0
40.0
VCC, VEE
20.0
34.0
MAX9481, RL =
∞
VLP, VLM
21.0
39.0
VCC, VEE
21.5
35.0
Quiescent Supply Current
(Including Preamps)
ICC, IEE,
ILP, ILM
MAX9482, RL =
∞
VLP, VLM
22.0
40.0
mA
*Refer to Application Note HFAN-08-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com