Electronic Components Datasheet Search
  English  ▼

X  

CMPT3640 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPT3640
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT3640 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPT3640_10 Datasheet HTML 1Page - Central Semiconductor Corp CMPT3640_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPT3640
SURFACE MOUNT
PNP SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
ts
VCC=6.0V, IC=50mA, IB1=IB2=5.0mA
20
ns
tf
VCC=6.0V, IC=50mA, IB1=IB2=5.0mA
12
ns
ton
VCC=6.0V, VBE=1.9, IC=50mA, IB1=5.0mA
25
ns
ton
VCC=1.5V, IC=10mA, IB1=0.5mA
60
ns
toff
VCC=6.0V, VBE=1.9, IC=50mA, IB1=5.0mA
35
ns
toff
VCC=1.5V, IC=10mA, IB1=IB2=0.5mA
75
ns
LEAD CODE:
1) Base
2) Emitter
3) Collector
MARKING CODE: C2J
SOT-23 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R5 (1-February 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com