Electronic Components Datasheet Search
  English  ▼

X  

6797 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # 6797
Description  Temperature Compensated Crystal Oscillators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

6797 Datasheet(HTML) 2 Page - Vectron International, Inc

  6797 Datasheet HTML 1Page - Vectron International, Inc 6797 Datasheet HTML 2Page - Vectron International, Inc 6797 Datasheet HTML 3Page - Vectron International, Inc 6797 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number:
6797
Frequency:
Stability vs
Temperature:
Stability vs Supply:
±4.1 ppm
-40ºC to +85ºC
±4.1 ppm
-40ºC to +85ºC
Initial Accuracy @ +25ºC:
±1.5 ppm Pre-Reflow
Current (@ +3.3 Vdc):
<20 mA (7 mA Typical)
Supply Voltage:
+3.3 Vdc (operable over +3.135 Vdc to +5.5 Vdc)
Output:
LS TTL
Symmetry (at 50% Vdd):
60/40 to 40/60, maximum
Rise/Fall Time (10-90%):
<10 nanoseconds
Level "0" and "1":
<0.5 Volts, >2.5 Volts
Thermal Shock:
-55ºC to +85ºC per MIL-STD-202 Method 107 Condition A
Acceleration:
50g per MIL-STD-202 Method 212 Condition A
Phase Noise:
(TYPICAL)
Offset
Phase Noise
100 Hz
-115 dBc/Hz
1k Hz
-130 dBc/Hz
10k Hz
-140 dBc/Hz
100k Hz
-155 dBc/Hz
Shock:
50g, 11ms per MIL-STD-202 Method 213 Condition G
Vibration - Sine:
10g, 10Hz to 500Hz per MIL-STD-202 Method 204 Condition A
Size:
1.00" x 1.15" x 0.395" (25.40mm x 29.21mm x 10.03mm )
6798
±0.05 ppm for any ±5% change in Voltage
Aging:
<15 ppm
for 20 years
<4.0 ppm
for 20 years
Operating Temp Range:
-40ºC to +85ºC-40ºC to +85ºC
12.800 MHz
12.800 MHz
Vibration - Random:
5.2g rms per MIL-STD-202 Method 214 Condition A
Vectron International 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com