Electronic Components Datasheet Search
  English  ▼

X  

M104 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # M104
Description  Typical Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

M104 Datasheet(HTML) 2 Page - Vectron International, Inc

  M104 Datasheet HTML 1Page - Vectron International, Inc M104 Datasheet HTML 2Page - Vectron International, Inc M104 Datasheet HTML 3Page - Vectron International, Inc M104 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C1250
PXO
Vectron International · www.vectron.com
v.2009-01-12 · page 2 of 4 DAF
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
RF Output
Parameter
Min
Typ
Max
Units
Condition
Ordering Code
5
Signal
ACMOS
RFA
Load
15
50
pF
Signal Level (Vol)
0.5
VDC
Vs= 5.0V and 15pF load
0.3
VDC
Vs=3.3V and 15pF load
0.25
VDC
Vs=2.5V and 15pF load
Signal Level (Voh)
4.5
VDC
Vs= 5.0V and 15pF load
3.0
VDC
Vs=3.3V and 15pF load
2.25
VDC
Vs=2.5V and 15pF load
Rise and fall times for ACMOS
(measured 10% to 90%)
10
6
3
ns
ns
ns
1.0 to 23.9 MHz
24.0 to 79.9 MHz
80.0 to 125.0MHz
Duty cycle
45
40
55
60
%
%
@ 50% Vs< 15 MHz
@ 50% Vs > 15 MHz
Signal
TTL
RFT
Load
10
Signal Level (Vol)
0.4
VDC
Vs= 5.0V and 15pF load
Signal Level (Voh)
2.4
VDC
Vs= 5.0V and 15pF load
Rise and fall times for TTL
(measured 0.8V to 2.0V)
5
3
ns
ns
1.0 to 23.9 MHz
24 to 125 MHz
Duty Cycle
45
40
55
60
%
%
@ 1.4V < 15 MHz
@ 1.4V > 15 MHz
Signal
LVPECL
RFP
Load
50
Into Vcc-2V or Thevenin Equivalent
Signal Level (Vol)
Vs -1.62
VDC
-40 … +85°C operating temp
Signal Level (Voh)
Vs- 1.025
VDC
-40 … +85°C operating temp
Rise and fall times (measured @ 20%
to 80%)
1000
600
ps
ps
<100 MHz
> 100 MHz
Duty cycle LVPECL
45
55
%
@ 50% Vdd
Jitter (rms)
10
0.5
ps
ps
BW = 10Hz to 20 MHz
BW = 12 kHz to 20 MHz
Period Jitter (pk-pk)
40
ps
10,000 Samples - Rising edge
Signal
LVDS
RFL
Load
60
100
140
Between outputs
Signal Level (Vol)
1.2
VDC
Signal Level (Voh)
1.4
VDC
Differential Voltage (Vod)
240
330
460
mVpeak
Common Mode (Offset) Voltage (Vos)
1.125
1.2
1.375
V
Start-up Time
10
mS
Rise and fall times
600
1000
ps
measured @ 20% to 80% of Vod
Duty cycle
45
55
%
@ 50% of Vod
Jitter (rms)
5
1
ps
ps
BW = 10Hz to 20 MHz
BW = 12 kHz to 20 MHz
Period Jitter (pk-pk)
40
ps
10,000 Samples - Rising edge
Additional Parameters
Screening
Vectron Verification
9
V
Screening
Class B, MIL-PRF-55310, Rev.D
B
Output Enable
6
Logic "0" input = Outputs disabled (Tri-state)
Logic "1" or floating input = Outputs enabled)
Standard (All outputs)
Logic "0" or floating input = Outputs enabled
Logic "1" input = Outputs disabled (Tri-state)
Custom (Contact factory for availability)
Weight
< 2 grams
Processing & Packing
Handling & processing note



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com