Electronic Components Datasheet Search
  English  ▼

X  

C499 Datasheet(PDF) 13 Page - Vectron International, Inc

Part # C499
Description  Hi-Rel Standard OCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C499 Datasheet(HTML) 13 Page - Vectron International, Inc

Back Button C499 Datasheet HTML 7Page - Vectron International, Inc C499 Datasheet HTML 8Page - Vectron International, Inc C499 Datasheet HTML 9Page - Vectron International, Inc C499 Datasheet HTML 10Page - Vectron International, Inc C499 Datasheet HTML 11Page - Vectron International, Inc C499 Datasheet HTML 12Page - Vectron International, Inc C499 Datasheet HTML 13Page - Vectron International, Inc C499 Datasheet HTML 14Page - Vectron International, Inc C499 Datasheet HTML 15Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-80001
B
13
ORDER ENTRY SHEET
DETAILED REQUIREMENTS
C499
_____
_____
_____
XXXX
_____
|
|
|
|
|
|
-----------
---------------
---------------
---------------
---------------
---------------
Base
Model #
Oscillator
Class
(See 1.2.2)
Radiation
Environment
(See 1.2.3)
Temperature
Range
(See 1.2.4)
Dash
Number
(See 1.2.5)
Screening
Option
(See 1.2.6)
ELECTRICAL REQUIREMENTS
1,2
Parameter
Nominal
Value
Limit
(min.)
Limit
(max.)
Unit
OPTIONS /
RANGES
Frequency (Fo)
MHz 1MHz -125MHz
Set-on Tolerance
Hz
Input Voltage 1
VDC 5V,12V,15V
Input Power 1
Turn-on
W
Steady State @ +25°C
W
Steady State @ Minimum
Operating Temperature
W
Input Voltage 2
VDC 5V,12V,15V
Input Power 2
Turn-on
W
Steady State @ +25°C
W
Steady State @ Minimum
Operating Temperature
W
RF Output Power
dBm 0 to +10dBm
Harmonics
dBc
Spurious (Fo ±1MHz)
dBc
Spurious (DC to 1.6GHz)
dBc
Electronic Frequency Control
Input Voltage Range
V
Frequency Deviation
F/F
Slope
Negative or Positive
---
Linearity
%
Oven Ready Indicator
Turn-on
V
Steady State
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com