Electronic Components Datasheet Search
  English  ▼

X  

CD-700 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # CD-700
Description  Complete VCXO Based Phase Lock Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700 Datasheet(HTML) 2 Page - Vectron International, Inc

  CD-700 Datasheet HTML 1Page - Vectron International, Inc CD-700 Datasheet HTML 2Page - Vectron International, Inc CD-700 Datasheet HTML 3Page - Vectron International, Inc CD-700 Datasheet HTML 4Page - Vectron International, Inc CD-700 Datasheet HTML 5Page - Vectron International, Inc CD-700 Datasheet HTML 6Page - Vectron International, Inc CD-700 Datasheet HTML 7Page - Vectron International, Inc CD-700 Datasheet HTML 8Page - Vectron International, Inc CD-700 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 2 of 12
1. A 0.01uF and 0.1uF parallel capacitor should be located as close to pin 14 as possible (and grounded).
2. Figure 2 defines these parameters. Figure 3 illustrates the equivalent five gate TTL load and operating conditions under which these parameters
are tested and specified. Loads greater than 15 pF will adversely effect rise/fall time as well as symmetry.
3. Symmetry is defined as (ON TIME/PERIOD with Vs=1.4 V for both 5.0 V and 3.3 V operation.
Figure 2. Output Waveform
Figure 3. OUT1, OUT2, RCLK, RDATA Test Conditions (25 ±50C)
Performance Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Output Frequency
(ordering option)
OUT 1, 5.0 V option
OUT 1, 3.3 V option
1.000
1.000
77.760
77.760
MHz
MHz
Supply Voltage1
+5.0
+3.3
V
DD
4.5
2.97
5.0
3.3
5.5
3.63
V
V
Supply Current
I
DD
63
mA
Output Logic Levels
Output Logic High2
Output Logic Low2
V
OH
V
OL
2.5
0.5
V
V
Output Transition Times
Rise Time2
Fall Time2
t
R
t
F
3.0
3.0
ns
ns
Input Logic Levels
Input Logic High2
Input Logic Low2
V
IH
V
IL
2.0
0.5
V
V
Loss of Signal Indication
Output Logic High2
Output Logic Low2
V
OH
V
OL
2.5
0.5
V
V
Nominal Frequency on Loss of Signal
Output 1
Output 2
±75
±75
ppm
ppm
Symmetry or Duty Cycle3
Out 1
Out 2
RCLK
SYM1
SYM2
RCLK
40/60
45/55
40/60
%
%
%
Absolute Pull Range
(ordering option)
over operating temperure, aging, and power
supply variations
APR
±50
±80
±100
ppm
Test Conditions for APR (+5.0 V option)
V
C
0.5
4.5
V
Test Conditions for APR (+3.3 V option)
V
C
0.3
3.0
V
Gain Transfer
Kv
Positive
Phase Detector Gain
+5.0 V option
+3.3 V option
Kv
0.53
0.35
rad/V
rad/V
Operating temperature
(ordering option)
T
OP
0/70 or -40/85
°C
Control Voltage Leakage Current
I
VCXO
±1.0
μA
Rev: 30Mar2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com