Electronic Components Datasheet Search
  English  ▼

X  

LC78632 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC78632
Description  Compact Disk Player DSP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78632 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC78632 Datasheet HTML 1Page - Sanyo Semicon Device LC78632 Datasheet HTML 2Page - Sanyo Semicon Device LC78632 Datasheet HTML 3Page - Sanyo Semicon Device LC78632 Datasheet HTML 4Page - Sanyo Semicon Device LC78632 Datasheet HTML 5Page - Sanyo Semicon Device LC78632 Datasheet HTML 6Page - Sanyo Semicon Device LC78632 Datasheet HTML 7Page - Sanyo Semicon Device LC78632 Datasheet HTML 8Page - Sanyo Semicon Device LC78632 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Pin Assignment
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
No. 5826-3/9
LC78632RE
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Output voltage
VOUT
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
470
mW
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD, AVDD, XVDD, LVDD, RVDD
4.5
5.0
5.5
V
TEST1 to TEST5, TAI, HFL, TES, P0/DFCK, P1/DFIN,
Input high-level voltage
VIH1
P2, P3/DFLR, P4, P5, SBCK, RWC, COIN, CQCK,
0.7 VDD
VDD
V
RES, CS, XIN, DEFI
VIH2
EFMI
0.6 VDD
VDD
V
TEST1 to TEST5, TAI, HFL, TES, P0/DFCK, P1/DFIN,
Input low-level voltage
VIL1
P2, P3/DFLR, P4, P5, SBCK, RWC, COIN, CQCK,
0
0.3 VDD
V
RES, CS, XIN, DEFI
VIL2
EFMI
0
0.4 VDD
V
Data setup time
tSU
COIN, RWC: Figures 1 and 4
400
ns
tPRS
RWC: Figure 4
100
ns
Data hold time
tHD
COIN, RWC: Figures 1 and 4
400
ns
Continued on next page.
LC78632RE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com