Electronic Components Datasheet Search
  English  ▼

X  

CMSZDA2V7 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSZDA2V7
Description  SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZDA2V7 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSZDA2V7 Datasheet HTML 1Page - Central Semiconductor Corp CMSZDA2V7 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSZDA2V4 THRU CMSZDA47V
SURFACE MOUNT
DUAL, COMMON ANODE
SILICON ZENER DIODES
275mW, 2.4 THRU 47 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSZDA2V4
Series silicon dual zener diode is a highly quality
voltage regulator, connected in a common anode
configuration, for use in industrial, commercial,
entertainment and computer applications.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMSZDA2V4
2.2
2.4
2.6
5.0
100
600
1.0
50
1.0
63
-0.06
W3W
CMSZDA2V7
2.5
2.7
2.9
5.0
100
600
1.0
20
1.0
57
-0.06
W4W
CMSZDA3V0
2.8
3.0
3.2
5.0
95
600
1.0
10
1.0
54
-0.06
W5W
CMSZDA3V3
3.1
3.3
3.5
5.0
95
600
1.0
5.0
1.0
47
-0.06
W6W
CMSZDA3V6
3.4
3.6
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
W7W
CMSZDA3V9
3.7
3.9
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
W8W
CMSZDA4V3
4.0
4.3
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
W9W
CMSZDA4V7
4.4
4.7
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
Z1Z
CMSZDA5V1
4.8
5.1
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
Z2Z
CMSZDA5V6
5.2
5.6
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
Z3Z
CMSZDA6V2
5.8
6.2
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
Z4Z
CMSZDA6V8
6.5
6.8
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
Z5Z
CMSZDA7V5
7.0
7.5
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
Z6Z
CMSZDA8V2
7.7
8.2
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
Z7Z
CMSZDA9V1
8.5
9.1
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
Z8Z
CMSZDA10V
9.4
10
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
Z9Z
CMSZDA11V
10.4
11
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
Y1Y
CMSZDA12V
11.4
12
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
Y2Y
CMSZDA13V
12.4
13
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
Y3Y
CMSZDA15V
13.8
15
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
Y4Y
CMSZDA16V
15.3
16
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
Y5Y
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
275
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
455
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
SOT-323 CASE
R5 (9-February 2010)
www.centr a lsemi.com


Similar Part No. - CMSZDA2V7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZDA2V7 CENTRAL-CMSZDA2V7 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V7 CENTRAL-CMSZDA2V7 Datasheet
479Kb / 2P
SILICON ZENER DIODES
More results

Similar Description - CMSZDA2V7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4_10 Datasheet
401Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
CMPZDC2V4 CENTRAL-CMPZDC2V4_10 Datasheet
402Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com