Electronic Components Datasheet Search
  English  ▼

X  

MCP2200 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2200_11 Datasheet HTML 1Page - Microchip Technology MCP2200_11 Datasheet HTML 2Page - Microchip Technology MCP2200_11 Datasheet HTML 3Page - Microchip Technology MCP2200_11 Datasheet HTML 4Page - Microchip Technology MCP2200_11 Datasheet HTML 5Page - Microchip Technology MCP2200_11 Datasheet HTML 6Page - Microchip Technology MCP2200_11 Datasheet HTML 7Page - Microchip Technology MCP2200_11 Datasheet HTML 8Page - Microchip Technology MCP2200_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2011 Microchip Technology Inc.
DS22228B-page 1
MCP2200
Features
Universal Serial Bus (USB)
• Supports full-speed USB (12 Mb/s)
• Implements USB protocol composite device:
- Communication Device Class (CDC) for
communications and configuration
- Human Interface Device (HID) for I/O control
• 128-byte buffer to handle data throughput at any
UART baud rate:
- 64-byte transmit
- 64-byte receive
• Fully configurable VID and PID assignments, and
string descriptors
• Bus powered or self-powered
• USB 2.0 Compliant: TID 40001150
USB Driver and Software Support
• Uses standard Windows® drivers for Virtual Com
Port (VCP): Windows XP (SP2 or later), Vista, 7
• Configuration utility for initial configuration
Universal Asynchronous Receiver/Transmitter
(UART)
• Responds to SET LINE CODING commands to
dynamically change baud rates
• Supports baud rates: 300-1000k
• Hardware flow control
• UART signal polarity option
General Purpose Input/Output (GPIO) Pins
• Eight general purpose I/O pins
EEPROM
• 256 bytes of user EEPROM
Other
• USB activity LED outputs (TxLED and RxLED)
• SSPND output pin
• USBCFG output pin (indicates when the enumer-
ation is completed)
• Operating voltage: 3.0-5.5V
• Oscillator input: 12 MHz
• ESD protection: > 4 kV HBM
• Industrial (I) Operating Temperature: -40°C to
+85°C
Package Types
The device will be offered in the following packages:
• 20-lead QFN (5 x 5 mm)
• 20-lead SOIC
• 20-lead SSOP
2
MCP2200
SOIC, SSOP
OSC2
OSC1
RST
1
2
3
4
20
19
18
17
VDD
VSS
D+
D-
VUSB
GP7/TxLED 5
16 GP0/SSPND
GP6/RxLED 6
15
GP5 7
14 GP2
GP1/USBCFG
MCP2200
5x5 QFN*
GP6/RxLED
GP5
RST
D-
VUSB
GP0/SSPND
GP1/USBCFG
GP7/TxLED
EP
20
1
19 18 17
3
4
15
14
13
12
678
9
21
13
12
11
CTS
RX
RTS
GP4 8
GP3 9
TX 10
16
GP4
GP2
5
11
10
* Includes Exposed Thermal Pad (EP); see Table 1-1.
USB 2.0 to UART Protocol Converter with GPIO


Similar Part No. - MCP2200_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200_13 Datasheet
521Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
08/04/10
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
07/14/15
More results

Similar Description - MCP2200_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2210 MICROCHIP-MCP2210 Datasheet
1Mb / 82P
USB-to-SPI Protocol Converter with GPIO (Master Mode)
2011
MCP2200 MICROCHIP-MCP2200_13 Datasheet
521Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
08/04/10
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
USB to Serial UART Bridge Converter
logo
Microchip Technology
MCP2221A MICROCHIP-MCP2221A Datasheet
1Mb / 80P
USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221 MICROCHIP-MCP2221 Datasheet
1Mb / 80P
USB 2.0 to I2C??UART Protocol Converter with GPIO
01/27/15
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
07/14/15
logo
Future Technology Devic...
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
Full-Speed USB to UART converter
C232HD FTDI-C232HD Datasheet
824Kb / 18P
C232HD USB 2.0 HI-SPEED TO UART CABLE
logo
Maxim Integrated Produc...
MAX32670EVKIT MAXIM-MAX32670EVKIT Datasheet
853Kb / 11P
USB 2.0 Micro B to Serial UART Bridge
Rev 2; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com