Electronic Components Datasheet Search
  English  ▼

X  

MCP79410 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP79410
Description  I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79410 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP79410 Datasheet HTML 6Page - Microchip Technology MCP79410 Datasheet HTML 7Page - Microchip Technology MCP79410 Datasheet HTML 8Page - Microchip Technology MCP79410 Datasheet HTML 9Page - Microchip Technology MCP79410 Datasheet HTML 10Page - Microchip Technology MCP79410 Datasheet HTML 11Page - Microchip Technology MCP79410 Datasheet HTML 12Page - Microchip Technology MCP79410 Datasheet HTML 13Page - Microchip Technology MCP79410 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCP7941X
DS22266B-page 10
Preliminary
 2011 Microchip Technology Inc.
4.0
RTCC FUNCTIONALITY
The MCP7941x family is a highly integrated RTCC. On-
board time and date counters are driven from a low-
power oscillator to maintain the time and date. An
integrated VCC switch enables the device to maintain
the time and date and also the contents of the SRAM
during a VCC power failure.
4.1
RTCC MEMORY MAP
The RTCC registers are contained in addresses
0x00h-0x1fh. 64 bytes of user-accessable SRAM are
located in the address range 0x20-0x5f. The SRAM
memory is a separate block from the RTCC control
and Configuration registers. All SRAM locations are
battery-backed-up during a VCC power fail. Unused
locations are not accessible, MCP7941X will noACK
after the address byte if the address is out of range.
The shaded areas are not implemented and read as
‘0’. No error checking is provided when loading time
and date registers.
• Addresses 0x00h-0x06h are the RTCC Time and
Date registers. These are read/write registers.
Care must be taken when writing to these regis-
ters with the oscillator running.
• Incorrect data can appear in the Time and Date
registers if a write is attempted during the time
frame where these internal registers are being
incremented. The user can minimize the likeli-
hood of data corruption by ensuring that any
writes to the Time and Date registers occur before
the contents of the second register reach a value
of 0x59H.
• Addresses 0x07h-0x09h are the device Configu-
ration, Calibration and ID Unlock registers.
• Addresses 0x0Ah-0x10h are the Alarm 0 regis-
ters. These are used to set up the Alarm 0, the
Interrupt polarity and the Alarm 0 Compare.
• Addresses 0x11h-0x17h are the same as 0x0Bh-
0x11h but are used for Alarm 1.
• Addresses 0x18h-0x1Fh are used for the time-
stamp feature.
The Memory Map is shown in Table 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com