Electronic Components Datasheet Search
  English  ▼

X  

PIC12F1840 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC12F1840
Description  8-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1840 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC12F1840 Datasheet HTML 87Page - Microchip Technology PIC12F1840 Datasheet HTML 88Page - Microchip Technology PIC12F1840 Datasheet HTML 89Page - Microchip Technology PIC12F1840 Datasheet HTML 90Page - Microchip Technology PIC12F1840 Datasheet HTML 91Page - Microchip Technology PIC12F1840 Datasheet HTML 92Page - Microchip Technology PIC12F1840 Datasheet HTML 93Page - Microchip Technology PIC12F1840 Datasheet HTML 94Page - Microchip Technology PIC12F1840 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 376 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41441A-page 91
PIC12F/LF1840
9.2
Low Power Sleep Mode
The PIC12F1840 device contains an internal Low
Dropout (LDO) voltage regulator, which allows the
device I/O pins to operate at voltages up to 5.5V while
the internal device logic operates at a lower voltage.
The LDO and its associated reference circuitry must
remain active when the device is in Sleep mode. The
PIC12F1840 allows the user to optimize the operating
current in Sleep, depending on the application require-
ments.
A Low-Power Sleep mode can be selected by setting
the VREGPM bit of the VREGCON register. With this
bit set, the LDO and reference circuitry are placed in a
low-power state when the device is in Sleep.
9.2.1
SLEEP CURRENT VS. WAKE-UP
TIME
In the default operating mode, the LDO and reference
circuitry remain in the normal configuration while in
Sleep. The device is able to exit Sleep mode quickly
since all circuits remain active. In Low-Power Sleep
mode, when waking up from Sleep, an extra delay time
is required for these circuits to return to the normal con-
figuration and stabilize.
The Low-Power Sleep mode is beneficial for applica-
tions that stay in Sleep mode for long periods of time.
The normal mode is beneficial for applications that
need to wake from Sleep quickly and frequently.
9.2.2
PERIPHERAL USAGE IN SLEEP
Some peripherals that can operate in Sleep mode will
not operate properly with the Low-Power Sleep mode
selected. The LDO will remain in the normal power
mode when those peripherals are enabled. The Low-
Power Sleep mode is intended for use with these
peripherals:
• Brown-Out Reset (BOR)
• Watchdog Timer (WDT)
• External interrupt pin/Interrupt-on-change pins
• Timer1 (with external clock source)
• Comparator
• ECCP (Capture mode)
Note:
The PIC12LF1840 does not have a con-
figurable
Low-Power
Sleep
mode.
PIC12LF1840 is an unregulated device
and is always in the lowest power state
when in Sleep, with no wake-up time pen-
alty. This device has a lower maximum
VDD
and
I/O
voltage
than
the
PIC12F1840. See Section 30.0 “Electri-
cal Specifications”
for more information.
REGISTER 9-1:
VREGCON: VOLTAGE REGULATOR CONTROL REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-1/1
—
—
—
—
—
—VREGPM
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented:
Read as ‘0’
bit 1
VREGPM:
Voltage Regulator Power Mode Selection bit
1
= Low Power Sleep mode enabled in Sleep
Draws lowest current in Sleep, slower wake-up
0
= Normal Power mode enabled in Sleep
Draws higher current in Sleep, faster wake-up
bit 0
Reserved:
Read as ‘1’. Maintain this bit set.
Note 1:
PIC12F1840 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com