Electronic Components Datasheet Search
  English  ▼

X  

CMXZ2V4TO Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMXZ2V4TO
Description  SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXZ2V4TO Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXZ2V4TO Datasheet HTML 1Page - Central Semiconductor Corp CMXZ2V4TO Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMXZ2V4TO THRU CMXZ47VTO
SURFACE MOUNT, TRIPLE, ISOLATED
OPPOSING SILICON ZENER DIODES
2.4 VOLTS THRU 47 VOLTS
5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMXZ2V4TO
Series consists of three (3) Isolated Silicon Zener
Diodes arranged in an alternating configuration and
packaged in a surface mount SOT-26 case. These
high quality voltage regulators are for use in industrial,
commercial, entertainment, and computer applications.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C), VF=0.9V MAX @ IF=10mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
ΘVZ
VV
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMXZ2V4TO
2.280
2.4
2.520
5.0
100
600
1.0
50
1.0
104
-0.06
CZ2V4
CMXZ2V7TO
2.565
2.7
2.835
5.0
100
600
1.0
20
1.0
92
-0.06
CZ2V7
CMXZ3V0TO
2.850
3.0
3.150
5.0
95
600
1.0
10
1.0
83
-0.06
CZ3V0
CMXZ3V3TO
3.135
3.3
3.465
5.0
95
600
1.0
5.0
1.0
76
-0.06
CZ3V3
CMXZ3V6TO
3.420
3.6
3.780
5.0
90
600
1.0
5.0
1.0
69
-0.06
CZ3V6
CMXZ3V9TO
3.705
3.9
4.095
5.0
90
600
1.0
3.0
1.0
64
-0.06
CZ3V9
CMXZ4V3TO
4.085
4.3
4.515
5.0
90
600
1.0
3.0
1.0
58
-0.05
CZ4V3
CMXZ4V7TO
4.465
4.7
4.935
5.0
80
500
1.0
3.0
2.0
53
-0.03
CZ4V7
CMXZ5V1TO
4.845
5.1
5.355
5.0
60
480
1.0
2.0
2.0
49
0.02
CZ5V1
CMXZ5V6TO
5.320
5.6
5.880
5.0
40
400
1.0
1.0
2.0
45
0.03
CZ5V6
CMXZ6V2TO
5.890
6.2
6.510
5.0
10
150
1.0
3.0
4.0
40
0.04
CZ6V2
CMXZ6V8TO
6.460
6.8
7.140
5.0
15
80
1.0
2.0
4.0
37
0.05
CZ6V8
CMXZ7V5TO
7.125
7.5
7.875
5.0
15
80
1.0
1.0
5.0
33
0.05
CZ7V5
CMXZ8V2TO
7.790
8.2
8.610
5.0
15
80
1.0
0.7
5.0
30
0.06
CZ8V2
CMXZ9V1TO
8.645
9.1
9.555
5.0
15
100
1.0
0.5
6.0
27
0.06
CZ9V1
CMXZ10VTO
9.50
10.0
10.50
5.0
20
150
1.0
0.2
7.0
25
0.07
CZ10V
CMXZ11VTO
10.45
11.0
11.55
5.0
20
150
1.0
0.1
8.0
23
0.07
CZ11V
CMXZ12VTO
11.40
12.0
12.60
5.0
25
150
1.0
0.1
8.0
21
0.07
CZ12V
CMXZ13VTO
12.35
13.0
13.65
5.0
30
170
1.0
0.1
8.0
19
0.08
CZ13V
CMXZ15VTO
14.25
15.0
15.75
5.0
30
200
1.0
0.05
10.5
17
0.08
CZ15V
CMXZ16VTO
15.20
16.0
16.80
5.0
40
200
1.0
0.05
11.2
16
0.08
CZ16V
CMXZ18VTO
17.10
18.0
18.90
5.0
45
225
1.0
0.05
12.6
14
0.08
CZ18V
CMXZ20VTO
19.0
20.0
21.0
5.0
55
225
1.0
0.05
14.0
12
0.08
CZ20V
SOT-26 CASE
R3 (12-February 2010)
www.centra lsemi.com


Similar Part No. - CMXZ2V4TO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXZ2V4TO CENTRAL-CMXZ2V4TO Datasheet
103Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED, OPPOSING SILICON ZENER DIODES 2.4 VOLTS THRU 47 VOLTS 5% TOLERANCE
CMXZ2V4TO CENTRAL-CMXZ2V4TO Datasheet
498Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_15 Datasheet
498Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
More results

Similar Description - CMXZ2V4TO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXZ2V4TO CENTRAL-CMXZ2V4TO Datasheet
103Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED, OPPOSING SILICON ZENER DIODES 2.4 VOLTS THRU 47 VOLTS 5% TOLERANCE
CMLSH-4DO CENTRAL-CMLSH-4DO_10 Datasheet
579Kb / 2P
SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO Datasheet
921Kb / 3P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
CMXD2004TO CENTRAL-CMXD2004TO_10 Datasheet
496Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED OPPOSING HIGH VOLTAGE SILICON SWITCHING DIODES
CMXD3003TO CENTRAL-CMXD3003TO Datasheet
495Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BZX84C2V4TW-AU PANJIT-BZX84C2V4TW-AU Datasheet
302Kb / 5P
TRIPLE ISOLATED SURFACE MOUNT ZENER DIODES
logo
Central Semiconductor C...
CMKZ5221B CENTRAL-CMKZ5221B_15 Datasheet
556Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_15 Datasheet
498Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
logo
Pan Jit International I...
BAS100ATB6 PANJIT-BAS100ATB6_16 Datasheet
143Kb / 5P
SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
BAS100ATB6 PANJIT-BAS100ATB6_V01 Datasheet
329Kb / 5P
SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com