Electronic Components Datasheet Search
  English  ▼

X  

CY62138FLL Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY62138FLL
Description  2-Mbit (256K x 8) Static RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FLL Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY62138FLL Datasheet HTML 6Page - Cypress Semiconductor CY62138FLL Datasheet HTML 7Page - Cypress Semiconductor CY62138FLL Datasheet HTML 8Page - Cypress Semiconductor CY62138FLL Datasheet HTML 9Page - Cypress Semiconductor CY62138FLL Datasheet HTML 10Page - Cypress Semiconductor CY62138FLL Datasheet HTML 11Page - Cypress Semiconductor CY62138FLL Datasheet HTML 12Page - Cypress Semiconductor CY62138FLL Datasheet HTML 13Page - Cypress Semiconductor CY62138FLL Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CY62138F MoBL®
Document #: 001-13194 Rev. *C
Page 13 of 14
Document History Page
Document Title: CY62138F MoBL® 2-Mbit (256K x 8) Static RAM
Document Number: 001-13194
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
797956
See ECN
VKN
New Data Sheet
*A
940341
See ECN
VKN
Added footnote #7 related to ISB2 and ICCDR
*B
3055174 13/10/2010
RAME
Updated As per new template
Added Acronyms and Units of Measure table.
Added Ordering Code Definition.
Footnotes updated
Updated Package Diagram Figure 1 and Figure 2.
*C
3061313 15/10/2010
RAME
Minor change: Corrected “IO” to “I/O”
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com