Electronic Components Datasheet Search
  English  ▼

X  

LC78816MB Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC78816MB
Description  16-Bit D/A Converter for Use in Digital Audio Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78816MB Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC78816MB Datasheet HTML 1Page - Sanyo Semicon Device LC78816MB Datasheet HTML 2Page - Sanyo Semicon Device LC78816MB Datasheet HTML 3Page - Sanyo Semicon Device LC78816MB Datasheet HTML 4Page - Sanyo Semicon Device LC78816MB Datasheet HTML 5Page - Sanyo Semicon Device LC78816MB Datasheet HTML 6Page - Sanyo Semicon Device LC78816MB Datasheet HTML 7Page - Sanyo Semicon Device LC78816MB Datasheet HTML 8Page - Sanyo Semicon Device LC78816MB Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 4250-2/11
LC78816MB, 78816MC
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high level voltage (1)
VIH
Input pins other than SYSCLK
2.2
V
Input low level voltage (1)
VIL
Input pins other than SYSCLK
0.8
V
Input high level voltage (2)
VIH
The SYSCLK pin
0.7 VDD
V
Input low level voltage (2)
VIL
The SYSCLK pin
0.3 VDD
V
DC Characteristics at Ta = –30 to +75°C, VDD = 3.5 to 5.5 V, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Clock pulse width
tCW
SYSCLK
25
ns
tBCW
BCLK
35
ns
Setup time
tDS
LRCK/WCLK
20
ns
Hold time
tDH
DATAL
20
ns
DATAR
AC Characteristics at Ta = –30 to +75°C, VDD = 3.5 to 5.5 V, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com