Electronic Components Datasheet Search
  English  ▼

X  

DL0521P Datasheet(PDF) 2 Page - Protek Devices

Part # DL0521P
Description  ultra LOW CAPACITA NCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DL0521P Datasheet(HTML) 2 Page - Protek Devices

  DL0521P Datasheet HTML 1Page - Protek Devices DL0521P Datasheet HTML 2Page - Protek Devices DL0521P Datasheet HTML 3Page - Protek Devices DL0521P Datasheet HTML 4Page - Protek Devices DL0521P Datasheet HTML 5Page - Protek Devices DL0521P Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05331.R0 9/10
Page 2
DL0521P
tYPICaL DEVICE ChaRaCtERIStICS
MaXIMuM RatINGS @ 25°C unless Otherwise Specified
PaRaMEtER
SYMBOL
VaLuE
uNItS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
20
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECtRICaL ChaRaCtERIStICS PER LINE @ 25°C unless Otherwise Specified
PaRt
NuMBER
DEVICE
MaRkING
RatED
StaND-OFF
VOLtaGE
V
WM
VOLtS
MINIMuM
BREakDOWN
VOLtaGE
@ 1ma
V
(BR)
VOLtS
MaXIMuM
CLaMPING
VOLtaGE
(Fig. 2)
@I
P = 1a
V
C
VOLtS
MaXIMuM
LEakaGE
CuRRENt
@V
WM
I
D
µa
tYPICaL
CaPaCItaNCE
@0V, 1Mhz
C
J
pF
DL0521P
S
5.0
6.0
20.0
1
0.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com