Electronic Components Datasheet Search
  English  ▼

X  

DA24CP Datasheet(PDF) 2 Page - Protek Devices

Part # DA24CP
Description  High powered multi-line tvs array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA24CP Datasheet(HTML) 2 Page - Protek Devices

  DA24CP Datasheet HTML 1Page - Protek Devices DA24CP Datasheet HTML 2Page - Protek Devices DA24CP Datasheet HTML 3Page - Protek Devices DA24CP Datasheet HTML 4Page - Protek Devices DA24CP Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05001.R10 11/10
Page 2
DA05N - DA24CP
tyPiCAl DeviCe CHARACteRistiCs
mAXimum RAtiNgs @ 25°C unless otherwise specified
PARAmeteR
symBol
vAlue
uNits
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
800
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Forward Surge Rating
I
F
10
Amps
eleCtRiCAl CHARACteRistiCs PeR liNe @ 25°C unless otherwise specified
PARt
NumBeR
(Note 1)
RAteD
stAND-oFF
voltAge
v
wm
volts
miNimum
BReAkDowN
voltAge
@1mA
v
(BR)
volts
mAXimum
ClAmPiNg
voltAge
(Fig. 2)
@ iP = 10A
v
C
volts
mAXimum
ClAmPiNg
voltAge
(Fig. 2)
@ 8/20µs
v
C @ iPP
mAXimum
leAkAge
CuRReNt
@v
wm
i
D
µA
tyPiCAl
CAPACitANCe
@0v, 1mHz
C
pF
DA05N
5.0
6.0
12.5
24.6V @ 45.0A
200
880
DA05P
5.0
6.0
12.5
24.6V @ 45.0A
200
880
DA05CN
5.0
6.0
12.5
24.6V @ 45.0A
200
500
DA05CP
5.0
6.0
12.5
24.6V @ 45.0A
200
500
DA12N
12.0
13.3
26.0
32.9V @ 34.0A
2
440
DA12P
12.0
13.3
26.0
32.9V @ 34.0A
2
440
DA12CN
12.0
13.3
26.0
32.9V @ 34.0A
2
385
DA12CP
12.0
13.3
26.0
32.9V @ 34.0A
2
385
DA15N
15.0
16.7
33.0
37.7V @ 27.0A
2
400
DA15P
15.0
16.7
33.0
37.7V @ 27.0A
2
400
DA15CN
15.0
16.7
33.0
37.7V @ 27.0A
2
300
DA15CP
15.0
16.7
33.0
37.7V @ 27.0A
2
300
DA24N
24.0
26.7
52.1
53.0V @ 20.0A
2
275
DA24P
24.0
26.7
52.1
53.0V @ 20.0A
2
275
DA24CN
24.0
26.7
52.1
53.0V @ 20.0A
2
200
DA24CP
24.0
26.7
52.1
53.0V @ 20.0A
2
200
Notes
1. The “C” suffix denotes a bidirectional device, such as DA05CN.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com