Electronic Components Datasheet Search
  English  ▼

X  

TFR586 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFR586
Description  Resonator specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFR586 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFR586 Datasheet HTML 1Page - Vectron International, Inc TFR586 Datasheet HTML 2Page - Vectron International, Inc TFR586 Datasheet HTML 3Page - Vectron International, Inc TFR586 Datasheet HTML 4Page - Vectron International, Inc TFR586 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfr 586.doc
Version 2.0
21.03.2005
VI TELEFILTER
Resonator specification
TFR 586
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Filter characteristic
581
582
583
584
585
586
587
588
589
590
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
frequency in MHz
585
585.5
586
586.5
587
587.5
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
frequency in MHz
Construction and pin connection
(All dimensions in mm)
1
ø0,45 ±0,05
ø 1,2 Max.
45°
2,54 ±0,2
ø9,3
Max
.
1
2
3
Date code
tft
R 586
T13
Date code:
Year + week
T
2005
U
2006
V
2007
...
1
Ground
2
Input
3
Output
50 Ohm Test circuit
L1
L2
1
2
3
R1
L1
C1
Equivalent Circuit
C0
C0
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com