Electronic Components Datasheet Search
  English  ▼

X  

LC79400 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC79400
Description  Dot Matrix LCD Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC79400 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC79400 Datasheet HTML 1Page - Sanyo Semicon Device LC79400 Datasheet HTML 2Page - Sanyo Semicon Device LC79400 Datasheet HTML 3Page - Sanyo Semicon Device LC79400 Datasheet HTML 4Page - Sanyo Semicon Device LC79400 Datasheet HTML 5Page - Sanyo Semicon Device LC79400 Datasheet HTML 6Page - Sanyo Semicon Device LC79400 Datasheet HTML 7Page - Sanyo Semicon Device LC79400 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMOS LSI
Ordering number : EN4346B
73096HA (OT)/21593JN A8-9571 No. 4346-1/8
SANYO: MFP18
[LC73701M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Dot Matrix LCD Driver
LC79400D
Overview
The LC79400D is a large-scale dot matrix LCD segment
driver LSI. Display data transferred from the controller
(4-bit parallel format) is processed through 80-bit
latching and a LCD drive signal is generated. The
LC79400D can be used in conjunction with common
driver LC7943D (QIP80D) as well as LC79430D
(QIP100D) and LC79431D (QIP100D) to drive a wide-
screen LCD panel.
Features
• On-chip LCD drive circuit (80 bits)
• Display duty selection ranging from 1/64 to 1/256
• Supports use of chip disable pin for lower large panel
power supply dissipation
• Supports externally supplied bias voltage
• Operating power supply voltage/operating temperature
include
VDD (logic block)
: 5 V ±10 % / –20 to +75 °C
VDD-VEE (LCD block)
: 12 V to 32 V / –20 to +75°C
• Data transfer clock provides maximum 3.0 MHz and
supports bidirectional shift
• 4-bit parallel data input
• CMOS process
• 100-pin flat plastic package
Package Dimensions
unit : mm
3180-QFP100D
Specifications
Absolute Maximum Ratings at Ta = 25±2°C, VSS = 0 V
Note:1. The voltages V1, V3, V4, V7, VDD and VEE must obey the relationships: VDD ≥ V1 > V3 > V4 > VEE, VDD – V3 ≤ 7V,
V4 – VEE ≤ 7V.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage (logic)
VDD max
–0.3 to +7.0
V
Maximum supply voltage (LCD)
VDD - VEE max*1
0 to 35
V
Maximum input voltage
VI max
–0.3 to VDD + 0.3
V
Storage temperature range
Tstg
–40 to +125
°C


Similar Part No. - LC79400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE ONSEMI-LC79401KNE Datasheet
89Kb / 8P
Dot-Matrix LCD Drivers
July, 2013
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
CMOS IC Dot-Matrix LCD Drivers
More results

Similar Description - LC79400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
Dot-Matrix LCD Driver?
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
Dot Matrix LCD Driver?
LC79431D SANYO-LC79431D Datasheet
96Kb / 5P
Dot Matrix LCD Driver?
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
Dot Matrix LCD Driver?
logo
Seiko Instruments Inc
S-4525BA SII-S-4525BA Datasheet
1Mb / 22P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
DOT MATRIX LCD DRIVER
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com