Electronic Components Datasheet Search
  English  ▼

X  

LBN14088 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN14088
Description  140MHz SAW Filter 15MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN14088 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN14088_10 Datasheet HTML 1Page - SIPAT Co,Ltd LBN14088_10 Datasheet HTML 2Page - SIPAT Co,Ltd LBN14088_10 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN14088
Rev. Date
2010-11-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
15MHz Bandwidth
Part Number: LBN14088
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
140
140.15
140.3
Insertion Loss
dB
-
26
28
3 dB Bandwidth
MHz
14.9
14.98
-
Passband Variation
dB
-
1.3
1.5
Absolute Delay
usec
-
3.77
4
f0±7.9MHz
dB
35
51
-
f0±8.1MHz
dB
45
55
-
f0±8.5MHz
dB
50
54
-
f0±12.5MHz
dB
52
56
-
Ultimate Rejection
f0±22.5MHz
dB
52
59
-
Material Temperature coefficient
KHz/°C
-13.16
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN14088_10

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14088 SIPAT-LBN14088 Datasheet
137Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBN14088 SIPAT-LBN14088 Datasheet
135Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
More results

Similar Description - LBN14088_10

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14092 SIPAT-LBT14092 Datasheet
141Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBN14084 SIPAT-LBN14084 Datasheet
139Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBN14088 SIPAT-LBN14088 Datasheet
137Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBT140A07 SIPAT-LBT140A07 Datasheet
144Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBN140A57 SIPAT-LBN140A57 Datasheet
193Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBN11536 SIPAT-LBN11536 Datasheet
192Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN14084 SIPAT-LBN14084 Datasheet
145Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBN14088 SIPAT-LBN14088 Datasheet
135Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBT140A07 SIPAT-LBT140A07 Datasheet
150Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
LBT14092 SIPAT-LBT14092 Datasheet
145Kb / 3P
140MHz SAW Filter 15MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com