Electronic Components Datasheet Search
  English  ▼

X  

LBS13404 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS13404
Description  134.4MHz SAW Filter 5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13404 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS13404 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13404 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13404 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS13404
Rev. Date
2008-10-14
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
134.4MHz SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS13404
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
134.25
134.4
134.55
Insertion Loss
dB
-
26.7
30
3 dB Bandwidth
MHz
4.9
4.98
-
40 dB Bandwidth
MHz
-
5.82
-
Passband Variation
dB
-
0.6
1.5
Absolute Delay
usec
-
3.27
4
f0±2.9MHz
dB
35
38
-
f0±3.1MHz
dB
45
48
-
f0±3.5MHz
dB
45
47
-
Ultimate Rejection
f0±7.5MHz
dB
50
54
-
Material Temperature coefficient
KHz/°C
0.13
Substrate Material
-
Qz
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS13404

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13404 SIPAT-LBS13404 Datasheet
148Kb / 3P
134.4MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBS13404

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14094 SIPAT-LBS14094 Datasheet
143Kb / 3P
140MHz SAW Filter 5MHz Bandwidth
LBS14701 SIPAT-LBS14701 Datasheet
139Kb / 3P
147.5MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030 Datasheet
144Kb / 3P
70MHz SAW Filter 5MHz Bandwidth
LBT09606 SIPAT-LBT09606 Datasheet
299Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBS140A62 SIPAT-LBS140A62 Datasheet
149Kb / 3P
140MHz SAW Filter 5MHz Bandwidth
LBS20701 SIPAT-LBS20701 Datasheet
150Kb / 3P
206.8MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030_10 Datasheet
149Kb / 3P
70MHz SAW Filter 5MHz Bandwidth
LBT38301 SIPAT-LBT38301 Datasheet
178Kb / 3P
382.5MHz SAW Filter 5MHz Bandwidth
LBT13814 SIPAT-LBT13814 Datasheet
149Kb / 3P
137.5MHz SAW Filter 5MHz Bandwidth
LBS13404 SIPAT-LBS13404 Datasheet
148Kb / 3P
134.4MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com