Electronic Components Datasheet Search
  English  ▼

X  

LBS14201 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS14201
Description  141.8MHz SAW Filter 0.55MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14201 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS14201 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14201 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14201 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14201
Rev. Date
2008-10-07
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
141.8MHz SAW Filter
0.55MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS14201
Typical Performance
Frequency Respond
Passband Respond
137
138
139
140
141
142
143
144
145
146
-111.4318
-101.4318
-91.4318
-81.4318
-71.4318
-61.4318
-51.4318
-41.4318
-31.4318
-21.4318
-11.4318
Type Performance
Frequency(MHz)
140.8
141
141.2
141.4
141.6
141.8
142
142.2
142.4
142.6
-23.9318
-23.4318
-22.9318
-22.4318
-21.9318
-21.4318
-20.9318
-20.4318
-19.9318
Type Performance
Frequency(MHz)
Horizontal: 1MHz/Div
Vertical: 10dB/Div
Horizontal: 0.2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.3MHz)
Phase Linearity(f0±0.3MHz)
141.2
141.4
141.6
141.8
142
142.2
142.4
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
X: 141.8
Y: 3266
Type Performance
Frequency(MHz)
X: 142.1
Y: 3300
X: 141.5
Y: 3107
141.2
141.4
141.6
141.8
142
142.2
142.4
-100
-80
-60
-40
-20
0
20
40
60
80
X: 141.5
Y: -5.084
Type Performance
Frequency(MHz)
X: 142.1
Y: -4.641
X: 141.8
Y: 2.072
Horizontal: 0.2MHz/Div
Vertical: 500ns/Div
Horizontal: 0.2MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com