Electronic Components Datasheet Search
  English  ▼

X  

HT16X2TX Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16X2TX
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16X2TX Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16X2TX Datasheet HTML 1Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 2Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 3Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 4Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 5Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 6Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 7Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 8Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 1.00
PB
�an�a�� ��� �011
Rev. 1.00
1
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Features
● Operating voltage: 2V ~ 3.6V
● Low standby current: 1µA (typ.) at VDD=3V
● Data trigger function
● Provides 2 compound Data trigger pins
● Minimum four transmission words
● Integrated oscillator – no external resistor
● Positive polarity data codes
● Integrated complete UHF transmitter
● Frequency range 300MHz to 450MHz
● Support ASK/OOK modulation
● Output power up to 10dBm
● Minimal external components
● 20-pin SSOP
Applications
● Burglar alarm systems
● Smoke and fire alarm systems
● Personal alarm system
● Car/Garage door controllers
● Home/office/car security systems
● Cordless telephones
● Other remote control systems
General Description
The HT16x2Tx/HT12x2Tx are a series of encoders which include a 300M~450MHz ASK
transmitter for remote control system applications. These highly integrated devices are true “switch-
in, antenna-out” monolithic devices. They are capable of encoding information consisting of N
address bits and 16- N data bits. Each address/data input can be set to one of two logic states.
The programmed addresses/data is transmitted together with the header bits via RF upon receipt
of a trigger signal. The capability to select a DATA trigger on the HT16x2Tx/HT12x2Tx further
enhances the application flexibility of the 216 series of encoders.
The devices offer high performance in the areas of power delivery and operating temperature.
In terms of power, the devices are capable of delivering +10 dBm into a 50Ω load. This power
level enables a small form factor transmitter such as a key fob transmitter to operate near the
maximum limit of transmission regulations. In terms of temperature, the devices can operate from
-40°C to 85°C with minor frequency drift. When compared with SAW solutions, wider operation
temperatures are obtainable. The also offer exceptional ease of use. It is only necessary to provide a
crystal reference frequency source, which has a frequency equal to the RF carrier frequency divided
by 32, together with a few additional external components to implement a complete and versatile
transmitter. The devices operate using ASK/OOK - Amplitude Shift Keying/On-Off Keyed - UHF
receiver types from wide-band super-regenerative radios to narrow-band, high performance super-
heterodyne receivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com